Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB13NK60ZT4 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STB13NK60ZT4
Description  N-channel 600 V, 0.48 Ω, 13 A, TO-220, TO-220FP, D2PAK TO-247 Zener-protected SuperMESH??Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB13NK60ZT4 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STB13NK60ZT4 Datasheet HTML 9Page - STMicroelectronics STB13NK60ZT4 Datasheet HTML 10Page - STMicroelectronics STB13NK60ZT4 Datasheet HTML 11Page - STMicroelectronics STB13NK60ZT4 Datasheet HTML 12Page - STMicroelectronics STB13NK60ZT4 Datasheet HTML 13Page - STMicroelectronics STB13NK60ZT4 Datasheet HTML 14Page - STMicroelectronics STB13NK60ZT4 Datasheet HTML 15Page - STMicroelectronics STB13NK60ZT4 Datasheet HTML 16Page - STMicroelectronics STB13NK60ZT4 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
STB13NK60ZT4, STx13NK60Z, STP13NK60ZFP
Package mechanical data
Doc ID 8527 Rev 7
13/18
Dim.
mm.
inch
Min.
Typ
Max.
Min.
Typ.
Max.
A
4.40
4.60
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.5
2.75
0.098
0.108
E
0.45
0.70
0.017
0.027
F
0.75
1.00
0.0300.039
F1
1.15
1.50
0.045
0.067
F2
1.15
1.50
0.045
0.067
G4.955.20
0.1950.204
G1
2.40
2.70
0.094
0.106
H
10
10.40
0.393
0.409
L2
16
0.630
L3
28.6
30.6
1.126
1.204
L4
9.80
10.60
0.385
0.417
L5
2.93.6
0.114
0.141
L6
15.90
16.40
0.626
0.645
L7
99.300.354
0.366
Dia3
3.2
0.118
0.126
TO-220FP mechanical data
L2
L6
L3
12 3
L7
L4
L5
7012510-I
Dia



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com