Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST890CDR Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST890CDR
Description  1.2 A current limited high side power switch with thermal shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST890CDR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST890CDR Datasheet HTML 6Page - STMicroelectronics ST890CDR Datasheet HTML 7Page - STMicroelectronics ST890CDR Datasheet HTML 8Page - STMicroelectronics ST890CDR Datasheet HTML 9Page - STMicroelectronics ST890CDR Datasheet HTML 10Page - STMicroelectronics ST890CDR Datasheet HTML 11Page - STMicroelectronics ST890CDR Datasheet HTML 12Page - STMicroelectronics ST890CDR Datasheet HTML 13Page - STMicroelectronics ST890CDR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Maximum rating
ST890
10/20
2.2
Typical performance characteristics
Unless otherwise specified Tj = 25 °C.
Figure 5.
ON resistance vs. supply voltage
Figure 6.
ON resistance vs. temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com