Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN851 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STN851
Description  Low voltage fast-switching NPN power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN851 Datasheet(HTML) 3 Page - STMicroelectronics

  STN851 Datasheet HTML 1Page - STMicroelectronics STN851 Datasheet HTML 2Page - STMicroelectronics STN851 Datasheet HTML 3Page - STMicroelectronics STN851 Datasheet HTML 4Page - STMicroelectronics STN851 Datasheet HTML 5Page - STMicroelectronics STN851 Datasheet HTML 6Page - STMicroelectronics STN851 Datasheet HTML 7Page - STMicroelectronics STN851 Datasheet HTML 8Page - STMicroelectronics STN851 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STN851
Electrical characteristics
3/10
2
Electrical characteristics
(Tcase = 25 °C unless otherwise specified)
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICBO
Collector cut-off current
(IE = 0)
VCB = 120 V
VCB = 120 V Tc = 100
oC
50
1
nA
µA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 7 V
10
nA
V(BR)CBO
Collector-base
breakdown voltage
(IE = 0)
IC = 100 µA
150
V
V(BR)CEO
(1)
1.
Pulse duration = 300 µs, duty cycle
≤ 1.5%
Collector-emitter
breakdown voltage
(IB = 0)
IC = 10 mA
60
V
V(BR)EBO
Emitter-base breakdown
voltage (IC = 0)
IE = 100 µA
7
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 100 mA
IB = 5 mA
IC = 1 A_ _
IB = 50 mA
IC = 2 A
IB = 50 mA
IC = 5 A_ _
IB = 200 mA
10
70
140
320
50
120
250
500
mV
mV
mV
mV
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = 4 A_ _
IB = 200 mA
1
1.15
V
VBE(on)
(1)
Base-emitter on voltage
IC = 4 A_ _
VCE = 1 V
0.89
1
V
hFE
(1)
DC current gain
IC = 10 mA
VCE = 1 V
IC = 2 A_ _
VCE = 1 V
IC = 5 A
VCE = 1 V
IC = 10 A _ VCE = 1 V
150
150
90
30
300
270
140
50
350
fT
Transition frequency
VCE = 10 V
IC = 100 mA
130MHz
CCBO
Collector-base
capacitance (IE = 0)
VCB = 10 V
f = 1 MHz
50
pF
ton
ts
tf
Resistive load
Turn-on time
Storage time
Fall time
IC = 1 A
VCC = 10 V
IB1 = -IB2 = 0.1 A
50
1.35
120
ns
µs
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com