Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3157CTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # STG3157CTR
Description  Low voltage low on-resistance SPDT switch with break-before-make feature
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3157CTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STG3157CTR Datasheet HTML 3Page - STMicroelectronics STG3157CTR Datasheet HTML 4Page - STMicroelectronics STG3157CTR Datasheet HTML 5Page - STMicroelectronics STG3157CTR Datasheet HTML 6Page - STMicroelectronics STG3157CTR Datasheet HTML 7Page - STMicroelectronics STG3157CTR Datasheet HTML 8Page - STMicroelectronics STG3157CTR Datasheet HTML 9Page - STMicroelectronics STG3157CTR Datasheet HTML 10Page - STMicroelectronics STG3157CTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
STG3157
Electrical characteristics
Doc ID 9007 Rev 2
7/18
3.2
AC Electrical characteristics
CL = 50 pF, RL = 500 Ω
Table 7.
AC specification
Symbol
Parameter
Test conditions
Value
Unit
Vcc (V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tLH, tHL
Propagation
delay
1.65-1.95
VI = Open
ns
2.3-2.7
1.2
1.2
1.8
3.0-3.3
0.8
0.8
1.2
4.5-5.5
0.3
0.3
0.5
tPZH,
tPZL
Output enable
time (D to Sn)
1.65-1.95
7
15
7
20
7
27
ns
2.3-2.7
3.5
11
3.5
14
3.5
17
3.0-3.3
2.5
7
2.5
7.6
2.5
9
4.5-5.5
1.7
5.2
1.7
5.7
1.7
7
tPLZ,
tPHZ
Output disable
time (D to Sn)
1.65-1.95
3
10
3
13
3
16
ns
2.3-2.7
2
7
2
7.5
2
9
3.0-3.3
1.5
5
1.5
5.3
1.5
6.5
4.5-5.5
1.7
3.5
1.7
3.8
1.7
5
tD
Break-before-
make time delay
1.65-5.5
0.5
0.5
0.5
ns
Q
Charge injection
523
pC
3.3
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com