Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS616IDW Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS616IDW
Description  Dual wide band operational amplifier with high output current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS616IDW Datasheet(HTML) 5 Page - STMicroelectronics

  TS616IDW Datasheet HTML 1Page - STMicroelectronics TS616IDW Datasheet HTML 2Page - STMicroelectronics TS616IDW Datasheet HTML 3Page - STMicroelectronics TS616IDW Datasheet HTML 4Page - STMicroelectronics TS616IDW Datasheet HTML 5Page - STMicroelectronics TS616IDW Datasheet HTML 6Page - STMicroelectronics TS616IDW Datasheet HTML 7Page - STMicroelectronics TS616IDW Datasheet HTML 8Page - STMicroelectronics TS616IDW Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
TS616
Electrical characteristics
5/37
3
Electrical characteristics
Table 3.
VCC = ±6 V, Rfb= 910 Ω, Tamb = 25° C (unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
Tamb
13.5
mV
Tmin < Tamb < Tmax
1.6
ΔVio
Differential input offset voltage
Tamb = 25°C
2.5
mV
Iib+
Positive input bias current
Tamb
530
µA
Tmin < Tamb < Tmax
7.2
Iib-
Negative input bias current
Tamb
315
µA
Tmin < Tamb < Tmax
3.1
ZIN+
Input(+) impedance
82
k
Ω
ZIN-
Input(-) impedance
54
Ω
CIN+
Input(+) capacitance
1
pF
CMR
Common mode rejection ratio
20 log (
ΔVic/ΔVio)
ΔVic = ±4.5V
58
64
dB
Tmin < Tamb < Tmax
62
SVR
Supply voltage rejection ratio
20 log (
ΔVCC/ΔVio)
ΔVCC = ±2.5V to ±6V
72
81
dB
Tmin < Tamb < Tmax
80
ICC
Total supply current per operator
No load
13.5
17
mA
Dynamic performance and output characteristics
ROL
Open loop transimpedance
Vout = 7Vp-p, RL = 25Ω
513.5
M
Ω
Tmin < Tamb < Tmax
5.7
BW
-3dB bandwidth
Small signal Vout < 20mVp
AV = 12dB, RL = 25Ω
25
40
MHz
Full power bandwidth
Large signal Vout = 3Vp
AV = 12dB, RL = 25Ω
26
Gain flatness @ 0.1dB
Small signal Tamb<20mVp
AV = 12dB, RL = 25Ω
7MHz
Tr
Rise time
Vout = 6Vp-p, AV = 12dB, RL = 25Ω
10.6
ns
Tf
Fall time
Vout = 6Vp-p, AV = 12dB, RL = 25Ω
12.2
ns
Ts
Settling time
Vout = 6Vp-p, AV= 12dB, RL = 25Ω
50
ns
SR
Slew rate
Vout = 6Vp-p, AV = 12dB, RL = 25Ω 330
420
V/µs
VOH
High level output voltage
RL = 25Ω connected to GND
4.8
5.05
V
VOL
Low level output voltage
RL = 25Ω Connected to GND
-5.3
-5.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com