Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS616IDWT Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS616IDWT
Description  Dual wide band operational amplifier with high output current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS616IDWT Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS616IDWT Datasheet HTML 3Page - STMicroelectronics TS616IDWT Datasheet HTML 4Page - STMicroelectronics TS616IDWT Datasheet HTML 5Page - STMicroelectronics TS616IDWT Datasheet HTML 6Page - STMicroelectronics TS616IDWT Datasheet HTML 7Page - STMicroelectronics TS616IDWT Datasheet HTML 8Page - STMicroelectronics TS616IDWT Datasheet HTML 9Page - STMicroelectronics TS616IDWT Datasheet HTML 10Page - STMicroelectronics TS616IDWT Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
TS616
Electrical characteristics
7/37
Table 4.
VCC = ±2.5 V, Rfb= 910 Ω, Tamb = 25° C (unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
Tamb
0.2
2.5
mV
Tmin < Tamb < Tmax
1
ΔV
i
o
Differential input offset voltage
Tamb = 25°C
2.5
mV
Iib+
Positive input bias current
Tamb
430
µA
Tmin < Tamb < Tmax
7
Iib-
Negative input bias current
Tamb
1.1
11
µA
Tmin < Tamb < Tmax
1.2
ZIN+
Input(+) impedance
71
k
Ω
ZIN-
Input(-) impedance
62
Ω
CIN+
Input(+) capacitance
1.5
pF
CMR
Common mode rejection ratio
20 log (
ΔVic/ΔVio)
ΔVic = ±1V
55
61
dB
Tmin < Tamb < Tmax
60
SVR
Supply voltage rejection ratio
20 log (
ΔVcc/ΔVio)
ΔVCC= ±2V to ±2.5V
63
79
dB
Tmin < Tamb < Tmax
78
ICC
Total supply current per
operator
No load
11.5
15
mA
Dynamic performance and output characteristics
ROL
Open loop transimpedance
Vout = 2Vp-p, RL = 10Ω
24.2
M
Ω
Tmin < Tamb < Tmax
1.5
BW
-3dB bandwidth
Small signal Vout < 20mVp
AV = 12dB, RL = 10Ω
20
28
MHz
Full power bandwidth
Large signal Vout = 1.4Vp AV=12dB,
RL = 10Ω
20
Gain flatness @ 0.1dB
Small signal Vout< 20mVp
AV = 12dB, RL = 10Ω
5.7
MHz
Tr
Rise time
Vout = 2.8Vp-p, AV = 12dB RL= 10Ω
11
ns
Tf
Fall time
Vout = 2.8Vp-p, AV = 12dB RL= 10Ω
11.5
ns
Ts
Settling time
Vout = 2.2Vp-p, AV = 12dB RL= 10Ω
39
ns
SR
Slew rate
Vout = 2.2Vp-p, AV = 12dB RL =10Ω
100
130
V/µs
VOH
High level output voltage
RL=10Ω connected to GND
1.5
1.7
V
VOL
Low level output voltage
RL=10Ω connected to GND
-1.9
-1.7
V
Iout
Output sink current
Vout = -1.25Vp
-300
-400
mA
Tmin < Tamb < Tmax
-360
Output source current
Vout = +1.25Vp
200
270
Tmin < Tamb < Tmax
240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com