Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05BD2 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # 68HC05BD2
Description  SPECIFICATION REV 2.0 (General Release)
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05BD2 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button 68HC05BD2 Datasheet HTML 35Page - Freescale Semiconductor, Inc 68HC05BD2 Datasheet HTML 36Page - Freescale Semiconductor, Inc 68HC05BD2 Datasheet HTML 37Page - Freescale Semiconductor, Inc 68HC05BD2 Datasheet HTML 38Page - Freescale Semiconductor, Inc 68HC05BD2 Datasheet HTML 39Page - Freescale Semiconductor, Inc 68HC05BD2 Datasheet HTML 40Page - Freescale Semiconductor, Inc 68HC05BD2 Datasheet HTML 41Page - Freescale Semiconductor, Inc 68HC05BD2 Datasheet HTML 42Page - Freescale Semiconductor, Inc 68HC05BD2 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 85 page
background image
SECTION 6: OPERATING MODES
Page 29
MC68HC05BD7 Rev. 2.0
GENERAL RELEASE SPECIFICATION
SECTION 6
OPERATING MODES
The HC05BD7/HC05BD2 has the following operating modes: single-chip mode (SCM) and
self-check mode.
The HC705BD7 has the following operating modes: User mode and bootstrap mode.
6.1
User Mode
In this mode, all address and data bus activity occurs within the MCU so no external pins
are required for these functions.
6.2
SELF-CHECK MODE
In this mode, the reset vector is fetched from the 240-byte internal self-check ROM at
$3F00:$3FEF. The self-check ROM contains a self-check program to test the functions of
internal modules.
6.3
Bootstrap Mode
In this mode, the reset vector is fetched from the 480-byte internal bootstrap ROM at
$0E00:$0FDF. The bootstrap ROM contains a small program which reads a program into
internal RAM and then passes control to execute EPROM programming.
6.4
Mode Entry
The mode entry is done at the rising edge of the RESET pin. Once the device enters one
of the operating modes, the mode can only be changed by an external reset.
At the rising edge of the RESET pin, the device latches the states of IRQ and PB5 pins and
places itself in the specified mode. While the RESET pin is low, all pins are configured as
Single Chip Mode. The following table shows the states of IRQ and PB5 pins for each mode
entry.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com