Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705MC4CS Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4CS
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4CS Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4CS Datasheet HTML 17Page - Freescale Semiconductor, Inc MC68HC705MC4CS Datasheet HTML 18Page - Freescale Semiconductor, Inc MC68HC705MC4CS Datasheet HTML 19Page - Freescale Semiconductor, Inc MC68HC705MC4CS Datasheet HTML 20Page - Freescale Semiconductor, Inc MC68HC705MC4CS Datasheet HTML 21Page - Freescale Semiconductor, Inc MC68HC705MC4CS Datasheet HTML 22Page - Freescale Semiconductor, Inc MC68HC705MC4CS Datasheet HTML 23Page - Freescale Semiconductor, Inc MC68HC705MC4CS Datasheet HTML 24Page - Freescale Semiconductor, Inc MC68HC705MC4CS Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 180 page
background image
General Description
Mask Options
General Release Specification
General Description
1.4 Mask Options
There is one user selectable option on the MC68HC705MC4; the COP
timer. This option is provided through a bit within a mask option register
(MOR) in the EPROM device, which is located and programmed at
$0F00. This option will be hard wired in the ROM-based device.
The ROM-based device (MC68HC05MC4) will offer these hard-wired
options.
•
COP Watchdog Timer Enabled with Option to Disable
•
Stop Instruction Enabled with Option to Disable
These options are compatible with the typical application environment in
which the device is expected to be used and will consequently allow the
OTP devices to be used in production.
1.5 Functional Pin Description
The following paragraphs describe the functionality of each pin on the
MC68HC705MC4 package (see Figure 1-2 and Figure 1-3). Pins
connected to subsystems which are described in other sections of this
document provide a reference to the section instead of a detailed
functional description.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com