Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC7202MPV70 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # PAC7202MPV70
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PAC7202MPV70 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button PAC7202MPV70 Datasheet HTML 45Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 46Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 47Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 48Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 49Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 50Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 51Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 52Page - Freescale Semiconductor, Inc PAC7202MPV70 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
xlix
32-17
Input Pulse Width Measurement example ...........................................................................703
32-18
B1 and A1 updates at UCAn and UCBn reads ....................................................................703
32-19
Input Period Measurement example ....................................................................................704
32-20
A1 and B1 updates at UCAn and UCBn reads ....................................................................705
32-21
Double Action Output Compare with FLAG set on the second match ...............................706
32-22
Double Action Output Compare with FLAG set on both matches ......................................706
32-23
Pulse/Edge Accumulation continuous mode example .........................................................707
32-24
Pulse/Edge Accumulation single-shot mode example .........................................................708
32-25
Pulse/Edge Counting continuous mode example.................................................................709
32-26
Pulse/Edge Counting single-shot mode example.................................................................709
32-27
Quadrature Decode mode example with count & direction encoder ...................................710
32-28
Quadrature Decode mode example with phase_a & phase_B encoder ...............................710
32-29
Windowed Programmable Time Accumulation example....................................................711
32-30
Modulus Counter up mode example ....................................................................................712
32-31
Modulus Counter up/down mode example ..........................................................................712
32-32
Modulus Counter Buffered (MCB) Up Count mode ...........................................................713
32-33
Modulus Counter Buffered (MCB) Up/Down Mode...........................................................714
32-34
MCB Mode A1 Register Update in Up Counter Mode .......................................................714
32-35
MCB Mode A1 Register Update in Up/Down Counter Mode ............................................715
32-36
OPWFM with immediate update .........................................................................................716
32-37
OPWFM with next period update ........................................................................................716
32-38
OPWFMB A1 and B1 match to Output Register Delay ......................................................717
32-39
OPWFMB Mode with A1 = 0 (0% duty cycle) ...................................................................718
32-40
OPWFMB A1 and B1 Registers Update and Flags .............................................................719
32-41
OPWFMB Mode with Active Output Disable.....................................................................719
32-42
OPWFMB Mode from 100% to 0% Duty Cycle .................................................................720
32-43
Output PWMC with leading dead time insertion.................................................................722
32-44
Output PWMC with trailing dead time insertion .................................................................722
32-45
OPWMCB A1 and B1 registers load ...................................................................................723
32-46
Output PWMCB with Lead Dead Time Insertion ...............................................................724
32-47
Output PWMCB with Trail Dead Time Insertion................................................................725
32-48
OPWMCB with 100% Duty Cycle (A1=4 and B1=3) ........................................................727
32-49
Output PWM with immediate update ..................................................................................728
32-50
Output PWM with next period update .................................................................................729
32-51
OPWMB Mode Matches and Flags .....................................................................................730
32-52
OPWMB Mode with 0% Duty Cycle ..................................................................................731
32-53
OPWMB Mode with Active Output Disable .......................................................................732
32-54
OPWMB Mode from 100% to 0% Duty Cycle ...................................................................732
32-55
lnput Programmable Filter submodule diagram ..................................................................733
32-56
Input Programmable filter example .....................................................................................733
32-57
Time base period when running in the fastest pre scaler ratio.............................................735
32-58
Time base period when running with a pre scaler ratio greater than 1 ................................736
33-1
DMADC1032 Block Diagram .............................................................................................742
33-2
ATD Trigger Control Register (ATDTRIGCTL) ................................................................747
33-3
ATD External Trigger Channel Register (ATDETRIGCH) ................................................748



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com