Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D-7GRZ Datasheet(PDF) 1 Page - Tyco Electronics

Part # D-7GRZ
Description  D-7GRZ 3PDT, 50 Amps,115/200 VAC, 400 Hz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

D-7GRZ Datasheet(HTML) 1 Page - Tyco Electronics

  D-7GRZ Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AC Relays
CONTACTOR CONFIGURATION
D-7GRZ 3PDT, 50 Amps,
115/200 VAC, 400 Hz
Features:
• 3PDT Main Contacts
• Transient Suppression
• Mechanically Interlocked
• 115/200 VAC, 400 Hz
• 50 Amps
• High Reliability
• Meets many requirements of MIL-R-6106
Notes:
PRODUCT SPECIFICATIONS
Construction
Gasket Sealed, Vented
Main Contacts:
Configuration
3PDT
Voltage (Nominal)
115/208 VAC, 400 Hz
Current (Resistive)
50 Amps
Auxiliary Contacts:
Configuration
SPDT
Voltage (Nominal)
28 VDC or 115 VAC, 400 Hz
Current
Resistive
3 Amps
Inductive
3 Amps
Lamp
1 Amp
Coil Data:
Duty Cycle
Continuous
Voltage (Nominal)
28 VDC
Pick-Up Voltage
18 VDC Maximum
Drop-Out Voltage
2.5 - 6.5 VDC
Coil Current @ 28 VDC & +25
°C
280 Milliamperes Maximum
Operating Temperature
-55
°C to +71°C
Life:
Electrical
50,000 Cycles
Mechanical
100,000 Cycles
Weight
1 Lb. 2 Oz.
Catalog (web doc only)
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 5-04
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
HARTMAN Aerospace Power Products
Dimensions for this product are expressed in inches.
Multiply values by 25.4 for millimeters.
For factory-direct application assistance, contact the HARTMAN
product team at (419) 521-9500, Fax (419) 526-2749.
© 2004 by Tyco Electronics Corporation. All Rights Reserved.
HARTMAN and TYCO are trademarks.


Similar Part No. - D-7GRZ

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
D-7GR MACOM-D-7GR Datasheet
68Kb / 1P
D-7GR 3PDT, 50 Amps,115/200 VAC, 400 Hz
More results

Similar Description - D-7GRZ

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
D-25BD MACOM-D-25BD Datasheet
76Kb / 1P
3PDT, 100 Amps, 115/200 VAC, 400 Hz
B-233R MACOM-B-233R Datasheet
62Kb / 1P
B-233R 3PDT, 120 Amps,115/200 VAC, 400 Hz
B-233T MACOM-B-233T Datasheet
65Kb / 1P
B-233T 3PDT, 160 Amps, 115/200 VAC, 400 Hz
B-394 MACOM-B-394 Datasheet
95Kb / 1P
B-394 3PDT, 250 Amps,115/200 VAC, 400 Hz
BH-360A MACOM-BH-360A Datasheet
94Kb / 1P
BH-360A 3PDT, 250 Amps,115/200 VAC, 400 Hz
D-7GR MACOM-D-7GR Datasheet
68Kb / 1P
D-7GR 3PDT, 50 Amps,115/200 VAC, 400 Hz
D-18F MACOM-D-18F Datasheet
91Kb / 1P
D-18F 3PDT, Center Off, 50 Amps,115/200 VAC, 400 Hz
DH-7ZAB MACOM-DH-7ZAB Datasheet
39Kb / 1P
DH-7ZAB 3PDT, 50 Amps,115/200 VAC, 400 Hz
DH-14B-3 MACOM-DH-14B-3 Datasheet
80Kb / 1P
DH-14B-3 3PDT, 25 Amps,115/200 VAC, 400 Hz
DP-25BD MACOM-DP-25BD Datasheet
60Kb / 1P
DP-25BD 3PDT, 100 Amps,115/200 VAC, 400 Hz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com