Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD350 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TD350
Description  Advanced IGBT/MOSFET driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD350 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TD350 Datasheet HTML 9Page - STMicroelectronics TD350 Datasheet HTML 10Page - STMicroelectronics TD350 Datasheet HTML 11Page - STMicroelectronics TD350 Datasheet HTML 12Page - STMicroelectronics TD350 Datasheet HTML 13Page - STMicroelectronics TD350 Datasheet HTML 14Page - STMicroelectronics TD350 Datasheet HTML 15Page - STMicroelectronics TD350 Datasheet HTML 16Page - STMicroelectronics TD350 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TD350
Application diagrams
Doc ID 9525 Rev 6
13/17
8
Application diagrams
Figure 14.
Single supply IGBT drive with active Miller clamp and 2-level turn-off
Figure 15.
Large IGBT drive with negative gate drive and desaturation detection
Figure 16.
Use of DESAT input for direct overcurrent detection
OUTH
IN
OUTL
VH
DESAT
FAULT
NC
COFF
CLAMP
GND
16V
VREF
VL
LVOFF
NC
Vref
TD350
Desat
delay
Off
Off Level
UVLO
5.1V
VH
Vref
Vref
VH
OUTH
IN
OUTL
VH
DESAT
FAULT
NC
COFF
CLAMP
GND
16V
Pulse Transformer
VREF
VL
-10V
LVOFF
NC
Vref
TD350
Desat
delay
Off
Off Level
UVLO
Vref
Vref
VH
Vref
VH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com