Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T60 Datasheet(PDF) 19 Page - STMicroelectronics

Part # M41T60
Description  Serial access real-time clock
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T60 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M41T60 Datasheet HTML 15Page - STMicroelectronics M41T60 Datasheet HTML 16Page - STMicroelectronics M41T60 Datasheet HTML 17Page - STMicroelectronics M41T60 Datasheet HTML 18Page - STMicroelectronics M41T60 Datasheet HTML 19Page - STMicroelectronics M41T60 Datasheet HTML 20Page - STMicroelectronics M41T60 Datasheet HTML 21Page - STMicroelectronics M41T60 Datasheet HTML 22Page - STMicroelectronics M41T60 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
M41T60
DC and AC parameters
Doc ID 10396 Rev 13
19/27
Table 6.
Capacitance
Symbol
Parameter (1)(2)
Min
Max
Unit
CIN
Input capacitance (SCL)
-
7
pF
COUT
(3)
Output capacitance (SDA, OUT)
-
10
pF
tLP
Low-pass filter input time constant (SDA and SCL)
-
50
ns
1.
Effective capacitance measured with power supply at 3.6 V; sampled only, not 100% tested.
2.
At 25 °C, f = 1 MHz.
3.
Outputs deselected.
Table 7.
DC characteristics
Symbol
Parameter
Test condition(1)
Min
Typ
Max
Unit
VCC
(2)
Operating voltage
Clock (3)
1.0
4.4
V
I2C bus (400 kHz)
1.3
4.4
V
ICC1
Supply current
SCL = 400 kHz
(No load)
VCC = 4.4 V
100
µA
VCC = 3.6 V
50
70
µA
VCC = 3.0 V
35
µA
VCC = 2.5 V
30
µA
VCC = 2.0 V
20
µA
ICC2
Supply current
(Standby)
SCL = 0 Hz
All inputs
≥ VCC – 0.2 V
≤ VSS + 0.2 V
4.4 V
950
nA
3.6 V
375
700
nA
3.0 V at 25 °C
350
nA
2.0 V at 25 °C
310
nA
VIL
Input low voltage
–0.2
0.3 VCC
V
VIH
Input high voltage
0.7 VCC
VCC + 0.3
V
VOL
Output low voltage
VCC = 4.4 V, IOL = 3 mA (SDA)
0.4
V
VCC = 4.4 V, IOL = 1 mA (OFIRQ/OUT)
0.4
V
Pull-up supply
voltage (open drain)
FT, OFIRQ/OUT
4.4
V
ILI
Input leakage current
0 V
≤ VIN ≤ VCC
–1.0
+1.0
µA
ILO
Output leakage
current
0 V
≤ VOUT ≤ VCC
–1.0
+1.0
µA
1.
Valid for ambient operating temperature: TA = –40 to 85 °C; VCC = 1.3 to 4.4 V (except where noted).
2.
When using battery backup, VCC fall time should not exceed 10 mV/µs.
3.
Oscillator startup guaranteed at 1.5 V only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com