Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34E02-FDW1G Datasheet(PDF) 13 Page - STMicroelectronics

Part # M34E02-FDW1G
Description  2 Kbit serial presence detect (SPD) EEPROM for double data rate (DDR1 and DDR2) DRAM modules
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34E02-FDW1G Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M34E02-FDW1G Datasheet HTML 9Page - STMicroelectronics M34E02-FDW1G Datasheet HTML 10Page - STMicroelectronics M34E02-FDW1G Datasheet HTML 11Page - STMicroelectronics M34E02-FDW1G Datasheet HTML 12Page - STMicroelectronics M34E02-FDW1G Datasheet HTML 13Page - STMicroelectronics M34E02-FDW1G Datasheet HTML 14Page - STMicroelectronics M34E02-FDW1G Datasheet HTML 15Page - STMicroelectronics M34E02-FDW1G Datasheet HTML 16Page - STMicroelectronics M34E02-FDW1G Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
M34E02, M34E02-F
Device operation
Doc ID 10367 Rev 10
13/34
3.6
Setting the write-protection
The M34E02 and M34E02-F have a hardware write-protection feature, using the Write
Control (WC) signal. This signal can be driven high or low, and must be held constant for the
whole instruction sequence. When Write Control (WC) is held high, the whole memory array
(addresses 00h to FFh) is write protected. When Write Control (WC) is held low, the write
protection of the memory array is dependent on whether software write-protection has been
set.
Software write-protection allows the bottom half of the memory area (addresses 00h to 7Fh)
to be write protected irrespective of subsequent states of the Write Control (WC) signal.
Software write-protection is handled by three instructions:
●
SWP: Set Write Protection
●
CWP: Clear Write Protection
●
PSWP: Permanently Set Write Protection
The level of write-protection (set or cleared) that has been defined using these instructions,
remains defined even after a power cycle.
3.6.1
SWP and CWP
If the software write-protection has been set with the SWP instruction, it can be cleared
again with a CWP instruction.
The two instructions (SWP and CWP) have the same format as a Byte Write instruction, but
with a different device type identifier (as shown in Table 2). Like the Byte Write instruction, it
is followed by an address byte and a data byte, but in this case the contents are all “Don’t
Care” (Figure 7). Another difference is that the voltage, VHV, must be applied on the E0 pin,
and specific logical levels must be applied on the other two (E1 and E2, as shown in
Table 2).
3.6.2
PSWP
If the software write-protection has been set with the PSWP instruction, the first 128 bytes of
the memory are permanently write-protected. This write-protection cannot be cleared by
any instruction, or by power-cycling the device, and regardless the state of Write Control
(WC). Also, once the PSWP instruction has been successfully executed, the M34E02 and
M34E02-F no longer acknowledge any instruction (with a device type identifier of 0110) to
access the write-protection settings.
Figure 7.
Setting the write protection (WC = 0)
SDA LINE
AI01935B
ACK
WORD
ADDRESS
VALUE
(DON'T CARE)
ACK
DATA
VALUE
(DON'T CARE)
ACK
CONTROL
BYTE
BUS ACTIVITY
MASTER
BUS ACTIVITY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com