Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP200ADAXC Datasheet(PDF) 2 Page - Tyco Electronics

Part # CAP200ADAXC
Description  CAP200 Series Contactor With 1 Form A (SPST-NO) Contacts Rated up to 500 Amps, 12-900VDC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CAP200ADAXC Datasheet(HTML) 2 Page - Tyco Electronics

  CAP200ADAXC Datasheet HTML 1Page - Tyco Electronics CAP200ADAXC Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
2
Outline Dimensions
AUXILIARY CONTACT LEADS
COIL LEADS
WHITE = AUXILIARY CONTACT
(WHEN ORDERED)
BLACK = – COIL
RED = + COIL
SEE COIL WIRE
LENGTH IN P/N
STAINLESS
2.85
± .025
(72.3
± .63)
.5
± .01
(12.6
± .26)
2.05
± .02
(52
± .51)
2.58
± .02
(65.6
± .51)
.55
± .025
(14.04
± .63)
2.20
± .025
(55.81
± .63)
2.04
± .02 DIA
(51.94
± .51)
3.17
± .01
(80.48
± .26)
2.29
± .02 DIA
(58.19
± .51)
1.05
± .01
(26.67
± .26)
1.65
± .01
(42.0
± .26)
2.688
± .01
(68.28
± .26)
A1 "+" POSITIVE TERMINAL
A2 "–" NEGATIVE TERMINAL
.225
± .01DIA
(5.72
± .26)
M8 x 1.25 POWER TERMINALS
(HARDWARE SUPPLIED):
2 X M8 WASHER, STAINLESS
2 X M8 LOCKWASHER – SPLIT RING, STAINLESS
2 X M8 x 1.25 NUT, STAINLESS
TORQUE 80 TO 100 IN-LB (8.8 TO 11 NM)
MOUNTING HARDWARE (NOT SUPPLIED):
2 X M5 BOLT
2 X M5 LOCKWASHER
2 X M5 NARROW WASHER
TORQUE 15 TO 30 IN-LB (1.7 TO 3.3 NM)
Estimated Make & Break Power Switching Ratings
Electrical Load Life Ratings for Typical Applications
NOTES:
1) FOR RESISTIVE LOADS WITH 300
µH MAXIMUM INDUCTANCE.
2) ESTIMATES BASED ON EXTRAPOLATED DATA. USER IS ENCOURAGED TO VERIFY RATING IN ACTUAL APPLICATION.
3) END OF LIFE WHEN DIELECTRIC STRENGTH BETWEEN TERMINALS FALLS BELOW 50MEGOHMS @ 500VDC.
4) THE MAXIMUM CONTACT MAKE AND BREAK POWER IS ESTIMATED AT 208KW.
BREAK ONLY ABOVE 208KW TO AVOILD CONTACT WELDING.
100,000
10,000
1,000
100
10
1
1,000
10,000
100
10
1
Continuous Current Carry Region
Non-continuous Current Carry Region
200A
Load Current (Amps)
80% Minimum
Pre Charge
90% Nominal
Pre Charge
mS
CAP200 CAPACITIVE MAKE TEST CURVES
700
650
600
550
500
450
400
350
300
250
200
150
100
50
0
0.0
0.5
1.0
1.5
2.0
Make/Break Life Capacitive & Resistive Loads at 320VDC (1) (2)
@90% capacitive pre-charge (make only) see chart below
Cycles
50,000
@80% capacitive pre-charge (make only) see chart below
Cycles
50
@200A make/break (2 consecutive, reverse polarity) (1)
Cycles
12
2,000A (break only) (1)
Cycles
1*
(1) Resistive load includes inductance L = 25µH. Load @ 2500A tested @ 200µH.
(2) Life based on projected Weibull Life with 95% teliability.
* Does not meet dielectric and IR after test.
For factory-direct application assistance, dial
800-253-4560, ext. 2053, or 805-220-2053.
1654770 – 2.5M – KRG – FP – 6-04
Printed in U.S.A.
CAP200 Series (Continued)
500 Amp, 12-900VDC Contactor with
1 Form A (SPST-NO) Contacts



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com