Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR750-SK/IAR Datasheet(PDF) 3 Page - STMicroelectronics

Part # STR750-SK/IAR
Description  IAR??starter kits for ST ARM core-based microcontrollers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR750-SK/IAR Datasheet(HTML) 3 Page - STMicroelectronics

  STR750-SK/IAR Datasheet HTML 1Page - STMicroelectronics STR750-SK/IAR Datasheet HTML 2Page - STMicroelectronics STR750-SK/IAR Datasheet HTML 3Page - STMicroelectronics STR750-SK/IAR Datasheet HTML 4Page - STMicroelectronics STR750-SK/IAR Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STM32-SK/IAR, STR91X-SK/IAR, STR7-SK/IAR
Ordering information
Doc ID 11310 Rev 7
3/5
Ordering information
IAR KickStart kits can be ordered from IAR or from your nearest ST distributor or sales office. Kits are
currently available for:
●
STM32 connectivity line microcontrollers (ST order code: STM3210C-SK/IAR)
●
STM32 performance and access line microcontrollers with up to 512K Flash (ST order code:
STM3210E-SK/IAR)
●
STR91xF microcontrollers (ST order code: STR91X-SK/IAR)
●
STR75xF microcontrollers (ST order code: STR750-SK/IAR)
●
STR731F microcontrollers (ST order code: STR731-SK/IAR)
●
STR730F microcontrollers (ST order code: STR730-SK/IAR)
●
STR712F microcontrollers (ST order code: STR712-SK/IAR)
●
STR711F microcontrollers (ST order code: STR711-SK/IAR)
For more information and complete documentation, please refer to the IAR web site or the
STMicroelectronics microcontroller support site on www.st.com.
SD/MMC connector
Yes
Yes
Yes
Yes
No
No
No
No
Potentiometer
connected to ADC
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
User, tamper, wake-
up push button(s)
3
3
355533
Reset button
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Wrap area
No
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Additional features
Stepper motor
Yes
Yes
NoNoNoNoNoNo
MEMS
accelerometer
Yes
Yes
No
No
No
No
No
No
Table 1.
KickStart development board key features (continued)
Feature
Starter kit
STM3210C
-SK/IAR
STM3210E
-SK/IAR
STR91X
-SK/IAR
STR750
-SK/IAR
STR731
-SK/IAR
STR730
-SK/IAR
STR712
-SK/IAR
STR711
-SK/IAR



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com