Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSWAO5 Datasheet(PDF) 1 Page - OptoSupply International

Part # OSWAO5
Description  LED Waterproof Light
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSWAO5 Datasheet(HTML) 1 Page - OptoSupply International

  OSWAO5 Datasheet HTML 1Page - OptoSupply International OSWAO5 Datasheet HTML 2Page - OptoSupply International OSWAO5 Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Model No.
OSWAXX
REV.
C5
PRODUCT SPECIFICATION FOR LED Waterproof Light
Descriptions:
1
LED Waterproof Light, IP67
Long life, easy installation
Voltages available 12VDC
LED model number: OSXXXXS1C1A
LED Type: SMD LED, 3.5x2.8mm, 120deg
Features:
1
Available in red, orange, yellow, green, blue, white
Directly use on line voltage
Low power consumption, high intensity
Energy saving
Excellent beam control
Long life
Application:
1
Channel letter signs
Indirect accent décor light
Large area back lighting
Under counter light
Decorate building’s contour
Substitute neon light
Product Picture:
1
LED & Application Technologies
1


Similar Part No. - OSWAO5

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSWAD479X1B OPTOSUPPLY-OSWAD479X1B Datasheet
118Kb / 1P
High Luminous LEDs
OSWAXX OPTOSUPPLY-OSWAXX Datasheet
247Kb / 3P
Long life, easy installation
More results

Similar Description - OSWAO5

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVM-SWFPC5 BVLED-BVM-SWFPC5 Datasheet
198Kb / 7P
WATERPROOF FLEXSTRIP LIGHT
logo
OptoSupply Internationa...
OSWBR5 OPTOSUPPLY-OSWBR5 Datasheet
313Kb / 3P
LED Waterproof Light
OSWMRGB OPTOSUPPLY-OSWMRGB Datasheet
322Kb / 3P
RGB Waterproof Light
OSWMR5 OPTOSUPPLY-OSWMR5 Datasheet
325Kb / 3P
LED Waterproof Light
OSWORGB OPTOSUPPLY-OSWORGB Datasheet
324Kb / 3P
RGB Waterproof Light
OSWOR5 OPTOSUPPLY-OSWOR5 Datasheet
327Kb / 3P
LED Waterproof Light
OSWPRGB OPTOSUPPLY-OSWPRGB Datasheet
255Kb / 3P
RGB Waterproof Light
OSWPR5 OPTOSUPPLY-OSWPR5 Datasheet
321Kb / 3P
LED waterproof Light
OSWBXX OPTOSUPPLY-OSWBXX Datasheet
313Kb / 3P
LED Waterproof Light, IP68
OSWCXX OPTOSUPPLY-OSWCXX Datasheet
87Kb / 4P
LED Waterproof Light
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com