Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega3250 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # ATmega3250
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega3250 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button ATmega3250 Datasheet HTML 13Page - ATMEL Corporation ATmega3250 Datasheet HTML 14Page - ATMEL Corporation ATmega3250 Datasheet HTML 15Page - ATMEL Corporation ATmega3250 Datasheet HTML 16Page - ATMEL Corporation ATmega3250 Datasheet HTML 17Page - ATMEL Corporation ATmega3250 Datasheet HTML 18Page - ATMEL Corporation ATmega3250 Datasheet HTML 19Page - ATMEL Corporation ATmega3250 Datasheet HTML 20Page - ATMEL Corporation ATmega3250 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
17
2570L–AVR–08/07
ATmega325/3250/645/6450
8.
AVR Memories
This section describes the different memories in the ATmega325/3250/645/6450. The AVR
architecture has two main memory spaces, the Data Memory and the Program Memory space.
In addition, the ATmega325/3250/645/6450 features an EEPROM Memory for data storage. All
three memory spaces are linear.
8.1
In-System Reprogrammable Flash Program Memory
The ATmega325/3250/645/6450 contains 32/64K bytes On-chip In-System Reprogrammable
Flash memory for program storage. Since all AVR instructions are 16 or 32 bits wide, the Flash
is organized as 16/32K x 16. For software security, the Flash Program memory space is divided
into two sections, Boot Program section and Application Program section.
The F lash memory has an endurance of at least 10,000 write/erase cycles. The
ATmega325/3250/645/6450 Program Counter (PC) is 14/15 bits wide, thus addressing the
16/32K program memory locations. The operation of Boot Program section and associated Boot
Lock bits for software protection are described in detail in “Boot Loader Support – Read-While-
Write Self-Programming” on page 250. “Memory Programming” on page 264 contains a detailed
description on Flash data serial downloading using the SPI pins or the JTAG interface.
Constant tables can be allocated within the entire program memory address space (see the LPM
– Load Program Memory instruction description).
Timing diagrams for instruction fetch and execution are presented in “Instruction Execution Tim-
ing” on page 13.
Figure 8-1.
Program Memory Map
0x0000
0x3FFF/0x7FFF
Program Memory
Application Flash Section
Boot Flash Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com