Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega6450V-8AI Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATmega6450V-8AI
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega6450V-8AI Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATmega6450V-8AI Datasheet HTML 17Page - ATMEL Corporation ATmega6450V-8AI Datasheet HTML 18Page - ATMEL Corporation ATmega6450V-8AI Datasheet HTML 19Page - ATMEL Corporation ATmega6450V-8AI Datasheet HTML 20Page - ATMEL Corporation ATmega6450V-8AI Datasheet HTML 21Page - ATMEL Corporation ATmega6450V-8AI Datasheet HTML 22Page - ATMEL Corporation ATmega6450V-8AI Datasheet HTML 23Page - ATMEL Corporation ATmega6450V-8AI Datasheet HTML 24Page - ATMEL Corporation ATmega6450V-8AI Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
21
2570L–AVR–08/07
ATmega325/3250/645/6450
8.5
Register Description
8.5.1
EEARH and EEARL – The EEPROM Address Register
• Bits 15..11 – Res: Reserved Bits
These bits are reserved bits in the ATmega325/3250/645/6450 and will always read as zero.
• Bits 10..0 – EEAR10..0: EEPROM Address
The EEPROM Address Registers – EEARH and EEARL specify the EEPROM address in the
1/2K bytes EEPROM space. The EEPROM data bytes are addressed linearly between 0 and
1023/2047. The initial value of EEAR is undefined. A proper value must be written before the
EEPROM may be accessed.
Note:
EEAR10 is only valid for ATmega645 and ATmega6450.
8.5.2
EEDR – The EEPROM Data Register
• Bits 7..0 – EEDR7..0: EEPROM Data
For the EEPROM write operation, the EEDR Register contains the data to be written to the
EEPROM in the address given by the EEAR Register. For the EEPROM read operation, the
EEDR contains the data read out from the EEPROM at the address given by EEAR.
8.5.3
EECR – The EEPROM Control Register
• Bits 7..4 – Res: Reserved Bits
These bits are reserved bits in the ATmega325/3250/645/6450 and will always read as zero.
• Bit 3 – EERIE: EEPROM Ready Interrupt Enable
Writing EERIE to one enables the EEPROM Ready Interrupt if the I bit in SREG is set. Writing
EERIE to zero disables the interrupt. The EEPROM Ready interrupt generates a constant inter-
rupt when EEWE is cleared.
• Bit 2 – EEMWE: EEPROM Master Write Enable
The EEMWE bit determines whether setting EEWE to one causes the EEPROM to be written.
When EEMWE is set, setting EEWE within four clock cycles will write data to the EEPROM at
Bit
1514
13121110
9
8
0x22 (0x42)
–
–
–
–
–
EEAR10
EEAR9
EEAR8
EEARH
0x21 (0x41)
EEAR7
EEAR6
EEAR5
EEAR4
EEAR3
EEAR2
EEAR1
EEAR0
EEARL
76
54
321
0
Read/Write
R
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
X
X
X
X
X
X
XXX
XX
Bit
7
6
543
21
0
0x20 (0x40)
MSB
LSB
EEDR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
765432
10
0x1F (0x3F)
––––
EERIE
EEMWE
EEWE
EERE
EECR
Read/Write
R
R
R
R
R/W
R/W
R/W
R/W
Initial Value
000000
X
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com