Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8M26 Datasheet(PDF) 1 Page - 3M Electronics

Part # 8M26
Description  3M™ Mini Serial Attached SCSI (miniSAS) Cable Assembly External, Signal, Straight Termination
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8M26 Datasheet(HTML) 1 Page - 3M Electronics

  8M26 Datasheet HTML 1Page - 3M Electronics 8M26 Datasheet HTML 2Page - 3M Electronics 8M26 Datasheet HTML 3Page - 3M Electronics 8M26 Datasheet HTML 4Page - 3M Electronics 8M26 Datasheet HTML 5Page - 3M Electronics 8M26 Datasheet HTML 6Page - 3M Electronics 8M26 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MMini Serial Attached SCSI (miniSAS) Cable Assembly
External, Signal, Straight Termination
8M26 Series
Capable of 6 Gbps per channel data rate
26 conductor signal assembly
Multiple lengths available
Metal latch designed to promote retention
Pull tab ring provides easier unmating
Two levels of EMLB for hot plugging
Multiple key options available
Tested to SAS Specification, SAS-2
See Regulatory Information Appendix (RIA) for
chemical compliance information
Date Modified: February 26, 2008
TS-2212-B
Sheet 1 of 4
Physical
Backshell:
Material: Zinc Diecast
Plating: 30 μ” min. [ 0.76 μm ] Nickel
Contact:
PCB Material: FR4
Underplating: 50 μ” min. [ 1.27 μm ] Nickel
Wiping Area: 30 μ” min. [ 0.76 μm ] Gold
Cable:
Conductor: Tin Plated Solid Conductor (AWG depends on length)
Drain Wire: Tin Plated Solid Conductor
Dielectric: Foam Polyethylene
Shield: Mylar
Jacket: Non-PVC
Pulltab:
Material: Nylon
Color: Blue
Electrical
Current Rating: Per Contact: 0.5 A
Insulation Resistance: 103 MΩ min.
Withstanding Voltage: 300 VDC min. for 1 minute
Environmental
Operating Temperature: -20°C to +75°C
UL File No.: E86982


Similar Description - 8M26

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LSISASX28 LSI-LSISASX28 Datasheet
286Kb / 2P
28-Port 3Gb/s Serial Attached SCSI Expander
logo
Vitesse Semiconductor C...
VSC7251 VITESSE-VSC7251 Datasheet
261Kb / 2P
PCI-Express Serial Attached SCSI Single Chip RAID Controller
logo
Molex Electronics Ltd.
78012-0011 MOLEX-78012-0011 Datasheet
172Kb / 2P
Serial Attached SCSI
logo
DDK Ltd.
SAS-RA29-S1AA-FG DDK-SAS-RA29-S1AA-FG Datasheet
150Kb / 2P
Serial Attached SCSI Connectors
logo
3M Electronics
8N36 3M-8N36 Datasheet
324Kb / 6P
3M™ Mini Serial Attached SCSI (miniSAS) Cable Assembly
03-Jul-2007
logo
Molex Electronics Ltd.
0687820002 MOLEX8-0687820002 Datasheet
119Kb / 2P
External Serial ATA-to-External Serial ATA Cable Assembly, Straight Overmold, 2.0m(6.56 ) Cable Length
0685620014 MOLEX8-0685620014 Datasheet
207Kb / 3P
Serial Attached SCSI (SAS) 4X Straight Internal Host Cable Assembly, with Sideband1.01m (3.30 )
0687820001 MOLEX8-0687820001 Datasheet
182Kb / 3P
External Serial ATA-to-External Serial ATA Cable Assembly, Straight Overmold, 1.0m (3.28 ) Cable Length
logo
Keysight Technologies
N5412D KEYSIGHT-N5412D Datasheet
3Mb / 12P
N5412D Serial Attached SCSI-3
logo
Molex Electronics Ltd.
1110683203 MOLEX-1110683203 Datasheet
330Kb / 4P
MINISAS HD TO MINISAS 4X CABLE ASSEMBLIES EXTERNAL
2021/06/02
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com