Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8345 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # 56F8345
Description  16-bit Digital Signal Controllers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8345 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button 56F8345 Datasheet HTML 35Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 36Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 37Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 38Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 39Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 40Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 41Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 42Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 172 page
background image
Program Map
56F8345 Technical Data, Rev. 17
Freescale Semiconductor
39
Preliminary
RAM and Flash memories are used in both spaces.
This section provides memory maps for:
•
Program Address Space, including the Interrupt Vector Table
•
Data Address Space, including the EOnCE Memory and Peripheral Memory Maps
On-chip memory sizes for each device are summarized in Table 4-1. Flash memories’ restrictions are
identified in the “Use Restrictions” column of Table 4-1.
Note: Data Flash and Program RAM are NOT available on the 56F8145 device.
4.2 Program Map
The Program memory map is located in Table 4-4. The operating mode control bits (MA and MB) in the
Operating Mode Register (OMR) control the Program memory map. At reset, these bits are set as indicated
in Table 4-2.
EXT_BOOT = EMI_MODE = 0 and cannot be changed in the 56F8345 or 56F8145.
Note: Program RAM is NOT available on the 56F8145 device.
Table 4-1 Chip Memory Configurations
On-Chip Memory
56F8345
56F8145
Use Restrictions
Program Flash
128KB
128KB
Erase / Program via Flash interface unit and word writes to
CDBW
Data Flash
8KB
—
Erase / Program via Flash interface unit and word writes to
CDBW. Data Flash can be read via either CDBR or XDB2,
but not by both simultaneously
Program RAM
4KB
—
None
Data RAM
8KB
8KB
None
Program Boot Flash
8KB
8KB
Erase / Program via Flash Interface unit and word writes to
CDBW
Table 4-2 OMR MB/MA Value at Reset1
OMR MB =
Flash Secured
State2,3
OMR MA =
EXTBOOT Pin
Chip Operating Mode
0
0
Mode 0 – Internal Boot; EMI is configured to use 16 address lines; Flash
Memory is secured; external P-space is not allowed; the EOnCE is disabled
0
1
Not valid; cannot boot externally if the Flash is secured and will actually
configure to 00 state
1
0
Mode 0 – Internal Boot; EMI is configured to use 16 address lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com