Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5602 Datasheet(PDF) 1 Page - 3M Electronics

Part # 5602
Description  3M™ Serial Advanced Technology Attachment (SATA) Signal Cable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

5602 Datasheet(HTML) 1 Page - 3M Electronics

  5602 Datasheet HTML 1Page - 3M Electronics 5602 Datasheet HTML 2Page - 3M Electronics 5602 Datasheet HTML 3Page - 3M Electronics 5602 Datasheet HTML 4Page - 3M Electronics 5602 Datasheet HTML 5Page - 3M Electronics 5602 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Serial Advanced Technology Attachment (SATA) Signal Cable
Signal Cable, Straight, Right Angle and Combination
5602 Series
Seven-position serial signal assembly
•
Multiple variations in length and interface
•
attachments
Point-to-point signaling
•
Polarized interface insures proper alignment
•
26 AWG solid-wire differential pairs
•
Meets SATA Specification 1.0a
•
See Regulatory Information Appendix (RIA) for
•
chemical compliance information
Date Modified: October 14, 2008
TS-2111-D
Sheet 1 of 3
Physical
Insulator:
Material: High Temperature Thermoplastic
Flammability: UL 94V-0
Color: Black
Contact:
Material: Copper Alloy
Plating:
Wiping Area: 30 μ” [ 0.76 μm ] Gold
Underplating: 50 μ” [ 1.27 μm ] Nickel
Marking: 3M Logo
Electrical
Current Rating: 1.5 A
Insulation Resistance: 103
ΜΩ min.
Withstanding Voltage: 500 V
AC at sea level
Environmental
Temperature Rating: -40°C to +80°C
UL File No.: E86982


Similar Part No. - 5602

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
5602 SYSTEMSENSOR-5602 Datasheet
320Kb / 2P
Mechanical Heat Detectors
logo
Gamewell-FCI by Honeywe...
5602 GAMEWELL-FCI-5602 Datasheet
60Kb / 1P
MECHANICAL HEAT DETECTORS
logo
AVX Corporation
5602 AVX-5602 Datasheet
136Kb / 4P
Fine Pitch SMT Board to Board Connectors
logo
Knowles Electronics
5602 KNOWLES-5602 Datasheet
3Mb / 60P
Introduction to Knowles Precision Devices
logo
Adafruit Industries
5602 ADAFRUIT-5602 Datasheet
242Kb / 2P
Assembled Adafruit 0.56 4-Digit 7-Segment Display - w/ I2C Backpack STEMMA QT - Yellow
More results

Similar Description - 5602

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P94008I TRIPPLITE-P94008I Datasheet
480Kb / 2P
Serial ATA (SATA) Latching Signal Cable (7Pin-7Pin), 8-in
P94019I TRIPPLITE-P94019I Datasheet
480Kb / 2P
Serial ATA (SATA) Latching Signal Cable (7Pin-7Pin), 19-in
P94039I TRIPPLITE-P94039I Datasheet
480Kb / 2P
Serial ATA (SATA) Latching Signal Cable (7Pin-7Pin), 39-in
P940-39I TRIPPLITE-P940-39I Datasheet
483Kb / 2P
Serial ATA (SATA) Latching Signal Cable (7Pin/7Pin), 39-in.
P940-08I TRIPPLITE-P940-08I Datasheet
158Kb / 2P
Serial ATA (SATA) Latching Signal Cable (7Pin/7Pin), 8-in.
P940-12I TRIPPLITE-P940-12I Datasheet
157Kb / 2P
Serial ATA (SATA) Latching Signal Cable (7Pin/7Pin), 12-in.
P940-19I TRIPPLITE-P940-19I Datasheet
158Kb / 2P
Serial ATA (SATA) Latching Signal Cable (7Pin/7Pin), 19-in.
P941-12I TRIPPLITE-P941-12I Datasheet
161Kb / 2P
Serial ATA (SATA) Right Angle Signal Cable (7Pin/7Pin-Up), 12-in.
P942-19I TRIPPLITE-P942-19I Datasheet
160Kb / 2P
Serial ATA (SATA) Right Angle Signal Cable (7Pin/7Pin-Down), 19-in.
P942-24I TRIPPLITE-P942-24I Datasheet
161Kb / 2P
Serial ATA (SATA) Right Angle Signal Cable (7Pin/7Pin-Down), 24-in.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com