Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFUR Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFUR
Description  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFUR Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFUR Datasheet HTML 75Page - Freescale Semiconductor, Inc PC312XDP512F0CFUR Datasheet HTML 76Page - Freescale Semiconductor, Inc PC312XDP512F0CFUR Datasheet HTML 77Page - Freescale Semiconductor, Inc PC312XDP512F0CFUR Datasheet HTML 78Page - Freescale Semiconductor, Inc PC312XDP512F0CFUR Datasheet HTML 79Page - Freescale Semiconductor, Inc PC312XDP512F0CFUR Datasheet HTML 80Page - Freescale Semiconductor, Inc PC312XDP512F0CFUR Datasheet HTML 81Page - Freescale Semiconductor, Inc PC312XDP512F0CFUR Datasheet HTML 82Page - Freescale Semiconductor, Inc PC312XDP512F0CFUR Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 1348 page
background image
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
79
Chapter 2
Clocks and Reset Generator (S12CRGV6)
2.1
Introduction
This specification describes the function of the clocks and reset generator (CRG).
2.1.1
Features
The main features of this block are:
•
Phase locked loop (PLL) frequency multiplier
— Reference divider
— Automatic bandwidth control mode for low-jitter operation
— Automatic frequency lock detector
— Interrupt request on entry or exit from locked condition
— Self clock mode in absence of reference clock
•
System clock generator
— Clock quality check
— User selectable fast wake-up from Stop in self-clock mode for power saving and immediate
program execution
— Clock switch for either oscillator or PLL based system clocks
•
Computer operating properly (COP) watchdog timer with time-out clear window
•
System reset generation from the following possible sources:
— Power on reset
— Low voltage reset
— Illegal address reset
— COP reset
— Loss of clock reset
— External pin reset
•
Real-time interrupt (RTI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com