Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR330SF Datasheet(PDF) 10 Page - ON Semiconductor

Part # CMPWR330SF
Description  400mA SmartOR Regulator with VAUX Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CMPWR330SF Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CMPWR330SF Datasheet HTML 5Page - ON Semiconductor CMPWR330SF Datasheet HTML 6Page - ON Semiconductor CMPWR330SF Datasheet HTML 7Page - ON Semiconductor CMPWR330SF Datasheet HTML 8Page - ON Semiconductor CMPWR330SF Datasheet HTML 9Page - ON Semiconductor CMPWR330SF Datasheet HTML 10Page - ON Semiconductor CMPWR330SF Datasheet HTML 11Page - ON Semiconductor CMPWR330SF Datasheet HTML 12Page - ON Semiconductor CMPWR330SF Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
CMPWR330
Rev. 3 | Page 10 of 13 | www.onsemi.com
Performance Information (cont’d)
CMPWR330 Typical Thermal Characteristics
The overall junction to ambient thermal resistance (
θ
JA) for device power dissipation (PD) consists primarily of
two paths in series. The first path is the junction to the case (
θ
JC) which is defined by the package style, and the
second path is case to ambient (q
CA) thermal resistance which is dependent on board layout. The final
operating junction temperature for any set of conditions can be estimated by the following thermal equation:
TJ
= TA + (PD)(θJC) + (PD)(θCA)
= TA + (PD)(θJA)
The CMPWR330 uses a thermally enhanced package where all the GND leads (pins 5 through 8) are integral
to the leadframe. When this package is mounted on a double-sided printed circuit board with two square inches
of copper allocated for "heat spreading", the resulting
θJA is about 50°C/W.
Based on a typical operating power dissipation of 0.7W (1.75V x 0.4A) with an ambient of 70°C, the resulting
junction temperature will be:
TJ = TA + (PD)(θJA)
= 70°C + 0.7W X (50°C/W)
= 70°C + 35°C = 105°C
The thermal characteristics were measured using a double-sided board with two square inches of copper area
connected to the GND pin for "heat spreading".
Measurements showing performance up to junction temperature of 125°C were performed under light load
conditions (5mA). This allows the ambient temperature to be representative of the internal junction
temperature.
Note: The use of multi-layer board construction with separate ground and power planes will further enhance
the overall thermal performance. In the event of no copper area being dedicated for heat spreading, a multi-
layer board construction, using only the minimum size pad layout, will provide the CMPWR330 with an overall
q
JA of 70°C/W which allows up to 780mW to be safely dissipated for the maximum junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com