Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSPEMI201AG/AS Datasheet(PDF) 7 Page - ON Semiconductor

Part # CSPEMI201AG/AS
Description  2 Channel Headset Speaker EMI Filter with ESD Protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CSPEMI201AG/AS Datasheet(HTML) 7 Page - ON Semiconductor

  CSPEMI201AG/AS Datasheet HTML 1Page - ON Semiconductor CSPEMI201AG/AS Datasheet HTML 2Page - ON Semiconductor CSPEMI201AG/AS Datasheet HTML 3Page - ON Semiconductor CSPEMI201AG/AS Datasheet HTML 4Page - ON Semiconductor CSPEMI201AG/AS Datasheet HTML 5Page - ON Semiconductor CSPEMI201AG/AS Datasheet HTML 6Page - ON Semiconductor CSPEMI201AG/AS Datasheet HTML 7Page - ON Semiconductor CSPEMI201AG/AS Datasheet HTML 8Page - ON Semiconductor CSPEMI201AG/AS Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CSPEMI201AG
Rev. 3 | Page 7 of 9 | www.onsemi.com
Application Information
PARAMETER
VALUE
Pad Size on PCB
0.240mm
Pad Shape
Round
Pad Definition
Non-Solder Mask defined pads
Solder Mask Opening
0.290mm Round
Solder Stencil Thickness
0.125mm - 0.150mm
Solder Stencil Aperture Opening (laser cut, 5% tapered walls)
0.300mm Round
Solder Flux Ratio
50/50 by volume
Solder Paste Type
No Clean
Pad Protective Finish
OSP (Entek Cu Plus 106A)
Tolerance — Edge To Corner Ball
+50
μm
Solder Ball Side Coplanarity
+20
μm
Maximum Dwell Time Above Liquidous
60 seconds
Maximum Soldering Temperature for Lead-free Devices using a Lead-free Solder
Paste
260°C
Solder Mask Opening
0.290mm DIA.
Non-Solder Mask Defined Pad
0.240mm DIA.
Solder Stencil Opening
0.300mm DIA.
Figure 8. Recommended Non-Solder Mask Defined Pad Illustration
Figure 9. Lead-free (SnAgCu) Solder Ball Reflow Profile



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com