Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F805 Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # 56F805
Description  16-bit Digital Signal Controllers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F805 Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button 56F805 Datasheet HTML 47Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 48Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 49Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 50Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 51Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 52Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 53Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 54Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
Electrical Design Considerations
56F805 Technical Data, Rev. 16
Freescale Semiconductor
51
•
Use the value obtained by the equation (TJ – TT)/PD where TT is the temperature of the package case
determined by a thermocouple.
The thermal characterization parameter is measured per JESD51-2 specification using a 40-gauge type T
thermocouple epoxied to the top center of the package case. The thermocouple should be positioned so
that the thermocouple junction rests on the package. A small amount of epoxy is placed over the
thermocouple junction and over about 1mm of wire extending from the junction. The thermocouple wire
is placed flat against the package case to avoid measurement errors caused by cooling effects of the
thermocouple wire.
When heat sink is used, the junction temperature is determined from a thermocouple inserted at the
interface between the case of the package and the interface material. A clearance slot or hole is normally
required in the heat sink. Minimizing the size of the clearance is important to minimize the change in
thermal performance caused by removing part of the thermal interface to the heat sink. Because of the
experimental difficulties with this technique, many engineers measure the heat sink temperature and then
back-calculate the case temperature using a separate measurement of the thermal resistance of the
interface. From this case temperature, the junction temperature is determined from the junction-to-case
thermal resistance.
5.2 Electrical Design Considerations
Use the following list of considerations to assure correct operation:
•
Provide a low-impedance path from the board power supply to each VDD pin on the controller, and from the
board ground to each VSS pin.
•
The minimum bypass requirement is to place 0.1
μF capacitors positioned as close as possible to the package
supply pins. The recommended bypass configuration is to place one bypass capacitor on each of the
VDD/VSS pairs, including VDDA/VSSA. Ceramic and tantalum capacitors tend to provide better performance
tolerances.
•
Ensure that capacitor leads and associated printed circuit traces that connect to the chip VDD and VSS pins
are less than 0.5 inch per capacitor lead.
•
Bypass the VDD and VSS layers of the PCB with approximately 100μF, preferably with a high-grade
capacitor such as a tantalum capacitor.
CAUTION
This device contains protective circuitry to guard against
damage due to high static voltage or electrical fields.
However, normal precautions are advised to avoid
application of any voltages higher than maximum rated
voltages to this high-impedance circuit. Reliability of
operation is enhanced if unused inputs are tied to an
appropriate voltage level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com