Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56F803 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # DSP56F803
Description  16-bit Digital Signal Controllers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F803 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button DSP56F803 Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
DC Electrical Characteristic
56F803 Technical Data, Rev. 16
Freescale Semiconductor
21
Input current high (analog inputs, VIN=VDDA)
2
IIHA
-15
—
15
μA
Input current low (analog inputs, VIN=VSSA)
2
IILA
-15
—
15
μA
Output High Voltage (at IOH)
VOH
VDD – 0.7
—
—
V
Output Low Voltage (at IOL)
VOL
——
0.4
V
Output source current
IOH
4—
—
mA
Output sink current
IOL
4—
—
mA
PWM pin output source current3
IOHP
10
—
—
mA
PWM pin output sink current4
IOLP
16
—
—
mA
Input capacitance
CIN
—8—
pF
Output capacitance
COUT
—12—
pF
VDD supply current
IDDT
5
Run 6
—
126
152
mA
Wait7
—
105
129
mA
Stop
—
60
84
mA
Low Voltage Interrupt, external power supply8
VEIO
2.4
2.7
3.0
V
Low Voltage Interrupt, internal power supply9
VEIC
2.0
2.2
2.4
V
Power on Reset10
VPOR
—1.7
2.0
V
1.
1.
Schmitt Trigger inputs are: EXTBOOT, IRQA, IRQB, RESET, ISA0-2, FAULTA0-3, TCS, TCK, TRST, TMS, TDI, and
MSCAN_RX
2.
Analog inputs are: ANA[0:7], XTAL and EXTAL. Specification assumes ADC is not sampling.
3.
PWM pin output source current measured with 50% duty cycle.
4.
PWM pin output sink current measured with 50% duty cycle.
5.
IDDT = IDD + IDDA (Total supply current for VDD + VDDA)
6.
Run (operating) IDD measured using 8MHz clock source. All inputs 0.2V from rail; outputs unloaded. All ports configured
as inputs; measured with all modules enabled.
7.
Wait IDD measured using external square wave clock source (fosc = 8MHz) into XTAL; all inputs 0.2V from rail; no DC
loads; less than 50pF on all outputs. CL = 20pF on EXTAL; all ports configured as inputs; EXTAL capacitance linearly affects
wait IDD; measured with PLL enabled.
Table 3-4 DC Electrical Characteristics (Continued)
Operating Conditions: V
SS = VSSA = 0 V, VDD = VDDA = 3.0–3.6 V, TA = –40° to +85°C, CL ≤ 50pF, fop = 80MHz
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com