Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F803 Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # 56F803
Description  16-bit Digital Signal Controllers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F803 Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button 56F803 Datasheet HTML 44Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 45Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 46Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 47Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 48Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 49Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 50Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 51Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 52Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 51 / 52 page
background image
Thermal Design Considerations
56F803 Technical Data, Rev. 16
Freescale Semiconductor
51
Please see www.freescale.com for the most current case outline.
Part 5 Design Considerations
5.1 Thermal Design Considerations
An estimation of the chip junction temperature, TJ, in °C can be obtained from the equation:
Equation 1:
Where:
TA = ambient temperature °C
RθJA = package junction-to-ambient thermal resistance °C/W
PD = power dissipation in package
Historically, thermal resistance has been expressed as the sum of a junction-to-case thermal resistance and
a case-to-ambient thermal resistance:
Equation 2:
Where:
RθJA = package junction-to-ambient thermal resistance °C/W
RθJC = package junction-to-case thermal resistance °C/W
RθCA = package case-to-ambient thermal resistance °C/W
RθJC is device-related and cannot be influenced by the user. The user controls the thermal environment to
change the case-to-ambient thermal resistance, RθCA. For example, the user can change the air flow around
the device, add a heat sink, change the mounting arrangement on the Printed Circuit Board (PCB), or
otherwise change the thermal dissipation capability of the area surrounding the device on the PCB. This
model is most useful for ceramic packages with heat sinks; some 90% of the heat flow is dissipated through
the case to the heat sink and out to the ambient environment. For ceramic packages, in situations where
the heat flow is split between a path to the case and an alternate path through the PCB, analysis of the
device thermal performance may need the additional modeling capability of a system level thermal
simulation tool.
The thermal performance of plastic packages is more dependent on the temperature of the PCB to which
the package is mounted. Again, if the estimations obtained from RθJA do not satisfactorily answer whether
the thermal performance is adequate, a system level model may be appropriate.
Definitions:
A complicating factor is the existence of three common definitions for determining the junction-to-case
thermal resistance in plastic packages:
•
Measure the thermal resistance from the junction to the outside surface of the package (case) closest to the
chip mounting area when that surface has a proper heat sink. This is done to minimize temperature variation
T
J
T
A
P
D
RθJA
×
()
+
=
RθJA
RθJC RθCA
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com