Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6502 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STM6502
Description  Dual push-button Smart ResetTM with user-adjustable setup delays
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6502 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STM6502 Datasheet HTML 21Page - STMicroelectronics STM6502 Datasheet HTML 22Page - STMicroelectronics STM6502 Datasheet HTML 23Page - STMicroelectronics STM6502 Datasheet HTML 24Page - STMicroelectronics STM6502 Datasheet HTML 25Page - STMicroelectronics STM6502 Datasheet HTML 26Page - STMicroelectronics STM6502 Datasheet HTML 27Page - STMicroelectronics STM6502 Datasheet HTML 28Page - STMicroelectronics STM6502 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
Part numbering
STM6502, STM6503, STM6504, STM6505
26/29
Doc ID 16101 Rev 5
6
Part numbering
For device options currently available refer to Table 13. For other options, voltage threshold values etc. or
for more information on any aspect of this device, please contact the ST sales office nearest you.
Table 12.
Ordering information scheme
Example:
STM6505
W
C
A
B
DG
6
F
Device type
STM6502(1)
STM6503
STM6504(1)
STM6505
Reset (VCC monitoring) threshold voltage
(VRST), typ., falling
L = 4.625 V
S = 2.925 V
R = 2.625 V
Z = 2.313 V
W = 1.665 V
V = 1.575 V
Smart Reset setup delay (tSRC); presence of internal input
pull-up on all Smart Reset inputs (SRx, SRE)
A = user-programmable (external capacitor); no input pull-up
C = user-programmable (external capacitor); 65 k
Ω input pull-up
E = 2 or 6 or 10 s min., user-programmable (three-state); no input pull-up
F = 2 or 6 or 10 s min., user-programmable (three-state); 65 k
Ω input pull-up
Output type
A = open-drain, no pull-up, active-low
Reset timeout period (tREC)
A = 140 ms min.
B = 240 ms min.
Package
DG = TDFN8 2 x 2 x 0.75 mm, 0.5 mm pitch
Temperature range
6 = –40 °C to +85 °C
Shipping method
F = ECOPACK® package, tape and reel
1. Contact local ST sales office for availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com