Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6510 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM6510
Description  Dual push-button Smart ResetTM with capacitor-adjustable delays
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6510 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM6510 Datasheet HTML 8Page - STMicroelectronics STM6510 Datasheet HTML 9Page - STMicroelectronics STM6510 Datasheet HTML 10Page - STMicroelectronics STM6510 Datasheet HTML 11Page - STMicroelectronics STM6510 Datasheet HTML 12Page - STMicroelectronics STM6510 Datasheet HTML 13Page - STMicroelectronics STM6510 Datasheet HTML 14Page - STMicroelectronics STM6510 Datasheet HTML 15Page - STMicroelectronics STM6510 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Typical operating characteristics
STM6510
12/26
Doc ID 16788 Rev 2
Figure 9.
Reset timeout period (tREC) vs. temperature, CtREC = 0.01 µF
Figure 10.
Reset threshold (VRST) vs. temperature, “S” threshold option, VCC falling
100
110
120
130
140
150
160
170
180
190
200
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [°C]
5.75 V
5.5 V
3.3 V
AM04878v1
2.85
2.87
2.89
2.91
2.93
2.95
2.97
2.99
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [°C]
AM04879v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com