Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6522AAAADG6F Datasheet(PDF) 5 Page - STMicroelectronics

Part # STM6522AAAADG6F
Description  Dual push-button Smart Reset??with capacitor-adjustable setup delay
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6522AAAADG6F Datasheet(HTML) 5 Page - STMicroelectronics

  STM6522AAAADG6F Datasheet HTML 1Page - STMicroelectronics STM6522AAAADG6F Datasheet HTML 2Page - STMicroelectronics STM6522AAAADG6F Datasheet HTML 3Page - STMicroelectronics STM6522AAAADG6F Datasheet HTML 4Page - STMicroelectronics STM6522AAAADG6F Datasheet HTML 5Page - STMicroelectronics STM6522AAAADG6F Datasheet HTML 6Page - STMicroelectronics STM6522AAAADG6F Datasheet HTML 7Page - STMicroelectronics STM6522AAAADG6F Datasheet HTML 8Page - STMicroelectronics STM6522AAAADG6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
STM6522
Description
Doc ID 17045 Rev 2
5/25
1
Description
The Smart Reset™ devices provide a useful feature that ensures that inadvertent short
reset push-button closures do not cause system resets as the extended Smart Reset™
delay setup periods are implemented. Once the valid Smart Reset™ input levels and setup
delay are met, the device generates an output reset pulse for a fixed timeout period (tREC).
The typical application hookup shows that either a single Smart Reset™ input, or both reset
inputs can be connected to the applications interrupt and control both the interrupt pin and
the hard reset functions. If the push-button is closed for a short time, the processor is only
interrupted. If the system still does not respond properly, holding the push-button(s) for the
extended setup time (tSRC) causes a hard reset of the processor. The Smart Reset™
feature helps significantly increase system stability and eliminates the need for a dedicated
reset button.
The STM65xx family of Smart Reset™ devices consists of low-current microprocessor reset
circuits targeted at applications such as MP3 players, portable navigation or mobile phones,
generally any application that requires delayed reset push-button(s) response for improved
system stability. The devices in the STM65xx Smart Reset™ family include various
combinations of useful features for the targeted applications.
The STM6522 has two combined Smart Reset™ inputs (SR0 and SR1) with delayed reset
setup time (tSRC) programmed by an external capacitor on the SRC pin.
Figure 1.
Logic diagram
AM04867v2
VCC
SR0
RST1
RST2
VSS
STM6522
SR1
SRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com