Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6502RAAADG6F Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM6502RAAADG6F
Description  Dual push-button Smart ResetTM with user-adjustable setup delays
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6502RAAADG6F Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM6502RAAADG6F Datasheet HTML 9Page - STMicroelectronics STM6502RAAADG6F Datasheet HTML 10Page - STMicroelectronics STM6502RAAADG6F Datasheet HTML 11Page - STMicroelectronics STM6502RAAADG6F Datasheet HTML 12Page - STMicroelectronics STM6502RAAADG6F Datasheet HTML 13Page - STMicroelectronics STM6502RAAADG6F Datasheet HTML 14Page - STMicroelectronics STM6502RAAADG6F Datasheet HTML 15Page - STMicroelectronics STM6502RAAADG6F Datasheet HTML 16Page - STMicroelectronics STM6502RAAADG6F Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
STM6502, STM6503, STM6504, STM6505
Typical operating characteristics
Doc ID 16101 Rev 5
13/29
2
Typical operating characteristics
Figure 10.
Supply current (ICC) vs. temperature (STM6505)
Figure 11.
Smart Reset delay (tSRC) vs. temperature, CSRC = 0.62 µF (STM6505)
0
0.5
1
1.5
2
2.5
3
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [°C]
5.5 V
2 V
5 V
3 V
AM04886v1
6.2
6.7
7.2
7.7
8.2
8.7
9.2
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [°C]
5.75 V
5.5 V
3.3 V
AM04887v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com