Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV321 Datasheet(PDF) 3 Page - ON Semiconductor

Part # LMV321
Description  Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV321 Datasheet(HTML) 3 Page - ON Semiconductor

  LMV321 Datasheet HTML 1Page - ON Semiconductor LMV321 Datasheet HTML 2Page - ON Semiconductor LMV321 Datasheet HTML 3Page - ON Semiconductor LMV321 Datasheet HTML 4Page - ON Semiconductor LMV321 Datasheet HTML 5Page - ON Semiconductor LMV321 Datasheet HTML 6Page - ON Semiconductor LMV321 Datasheet HTML 7Page - ON Semiconductor LMV321 Datasheet HTML 8Page - ON Semiconductor LMV321 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LMV321, LMV358, LMV324
http://onsemi.com
3
MAXIMUM RATINGS
Symbol
Rating
Value
Unit
VS
Supply Voltage (Operating Range VS = 2.7 V to 5.5 V)
5.5
V
VIDR
Input Differential Voltage
$Supply Voltage
V
VICR
Input Common Mode Voltage Range
−0.5 to (V+) + 0.5
V
Maximum Input Current
10
mA
tSo
Output Short Circuit (Note 1)
Continuous
TJ
Maximum Junction Temperature (Operating Range −40°C to 85°C)
150
°C
qJA
Thermal Resistance:
°C/W
SC−70
280
Micro8
238
TSOP−5
333
UDFN8 (1.2 mm x 1.8 mm x 0.5 mm)
350
SOIC−8
212
SOIC−14
156
TSSOP−14
190
Tstg
Storage Temperature
−65 to 150
°C
Mounting Temperature (Infrared or Convection −20 sec)
235
°C
VESD
ESD Tolerance
LMV321
Machine Model
Human Body Model
LMV358/324
Machine Model
Human Body Mode
100
1000
100
2000
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may
affect device reliability.
1. Continuous short−circuit operation to ground at elevated ambient temperature can result in exceeding the maximum allowed junction
temperature of 150°C. Output currents in excess of 45 mA over long term may adversely affect reliability. Shorting output to either V+
or V− will adversely affect reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com