Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6502LCAADG6F Datasheet(PDF) 24 Page - STMicroelectronics

Part # STM6502LCAADG6F
Description  Dual push-button Smart ResetTM with user-adjustable setup delays
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6502LCAADG6F Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STM6502LCAADG6F Datasheet HTML 20Page - STMicroelectronics STM6502LCAADG6F Datasheet HTML 21Page - STMicroelectronics STM6502LCAADG6F Datasheet HTML 22Page - STMicroelectronics STM6502LCAADG6F Datasheet HTML 23Page - STMicroelectronics STM6502LCAADG6F Datasheet HTML 24Page - STMicroelectronics STM6502LCAADG6F Datasheet HTML 25Page - STMicroelectronics STM6502LCAADG6F Datasheet HTML 26Page - STMicroelectronics STM6502LCAADG6F Datasheet HTML 27Page - STMicroelectronics STM6502LCAADG6F Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Package mechanical data
STM6502, STM6503, STM6504, STM6505
24/29
Doc ID 16101 Rev 5
Figure 18.
Reel dimensions
Table 11.
Reel dimensions
Tape sizes
A max.
B min.
C
D min.
N min.
G
T max.
8 mm
180 (7 inches)
1.50
13.0 +/– 0.20
20.20
60
8.4 +2/–0
14.40
A
D
B
C
N
T
AM00443
40 mm min.
acces hole
at slot location
Tape slot
in core for
tape start
25 mm min width
Full radius
G measured
at hub



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com