Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6503SCAADG6F Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM6503SCAADG6F
Description  Dual push-button Smart ResetTM with user-adjustable setup delays
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6503SCAADG6F Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM6503SCAADG6F Datasheet HTML 11Page - STMicroelectronics STM6503SCAADG6F Datasheet HTML 12Page - STMicroelectronics STM6503SCAADG6F Datasheet HTML 13Page - STMicroelectronics STM6503SCAADG6F Datasheet HTML 14Page - STMicroelectronics STM6503SCAADG6F Datasheet HTML 15Page - STMicroelectronics STM6503SCAADG6F Datasheet HTML 16Page - STMicroelectronics STM6503SCAADG6F Datasheet HTML 17Page - STMicroelectronics STM6503SCAADG6F Datasheet HTML 18Page - STMicroelectronics STM6503SCAADG6F Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
STM6502, STM6503, STM6504, STM6505
Maximum ratings
Doc ID 16101 Rev 5
15/29
3
Maximum ratings
Stressing the device above the rating listed in Table 4: Absolute maximum ratings may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TSTG
Storage temperature (VCC off)
–55 to +150
°C
TSLD
(1)
1.
Reflow at peak temperature of 260 °C. The time above 255 °C must not exceed 30 seconds.
Lead solder temperature for 10 seconds
260
°C
θJA
Thermal resistance (junction to ambient)
TDFN8
149.0
°C/W
VIO
Input or output voltage
–0.3 to 5.5(2)
2.
For inputs or outputs with internal pull-up resistors and push-pull type outputs –0.3 to VCC+0.3 V only.
V
VCC
Supply voltage
–0.3 to 7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com