Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPIQ Datasheet(PDF) 2 Page - Tyco Electronics

Part # GPIQ
Description  GP/ML/TR series 10 Amp Control Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

GPIQ Datasheet(HTML) 2 Page - Tyco Electronics

  GPIQ Datasheet HTML 1Page - Tyco Electronics GPIQ Datasheet HTML 2Page - Tyco Electronics GPIQ Datasheet HTML 3Page - Tyco Electronics GPIQ Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
918
AGASTAT
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Coil Data
Voltage: 24, 120 & 220VAC, 60 Hz. Add series resistor for 380-440VDC;
12, 24, 48, 125 & 250VDC.
Duty Cycle: Continuous.
Nominal Coil Power: 6VA for AC coils; 6W for DC coils.
There is no surge current during operation.
Initial Dielectric Strength
Between non-connected terminals: 2,000V rms, 60 Hz.
Between non-connected terminals & relay yoke: 2,000V rms, 60 Hz.
Initial Insulation Resistance
Between non-connected terminals: 109 ohms at 500VDC.
Between non-connected terminals & relay yoke: 109 ohms at 500VDC.
Coil Operating Voltage
DC
AC, 50/60Hz
Nominal Coil Voltage 12
24
48
125
250
24
120
220
Minimum Pick-up
Voltage at 20°C
9
18
36
94
187
19
92
175
Minimum Pick-up
Voltage at 40°C
9.5
19
38
100
200
20
102
188
Maximum voltage for
continuous use
13.5
27
53
143
275
27
137
245
For 380VAC – Use 6800 ohms 4 watt resistor in series with 220VAC relay.
For 440VAC – Use 8200 ohms 6 watt resistor in series with 220VAC relay.
Drop-out voltage is between 10% and 40% of the nomninal voltages for both DC
and AC (For example: in a 120 VAC unit, drop-out will occur between 12 and 48
volts.) DC relays will function with unfiltered DC from a full-wave bridge rectifier.
Operate Data @ 20°C
Operate Time at Rated Voltage: Between energizing and opening of
normally closed contacts, less than 18 milliseconds on AC and less than
15 milliseconds on DC.
Release Time: Between energizing and closing of normally open
contacts, less than 35 milliseconds on AC and less than 30 milliseconds
on DC. Between de-energizing and opening of normally open contacts,
less than 70 milliseconds on AC and less than 8 milliseconds on DC.
Between de-energizing and closing of normally closed contacts, less than
85 milliseconds on AC and less than 25 milliseconds on DC.
Environmenal Data
Operating Temperature Range: 0°C to +60°C.
Vibration: Single axis fragility curve data are available on request at
frequencies from 5 Hz. to 33 Hz.
Shock: The relay, when kept energized by means of one of its own
contact sets, will withstand 40g shock load when operating on DC, and
150g shock load on AC.
Mechanical Data
Mounting Terminals: 16 flat base pins. Screw terminal sockets are
available.
Wire Connection: The 16 flat pins are arranged in four symmetrical rows
of four pins; the pitch in both directions being .394”. Connection may be
made to the relay by soldering. Sockets are available with screw terminals.
The internal wiring of the relay is also symmetrical as shown in the
adjacent figure, allowing the relay to be inserted into the socket in either of
two positions. Terminals B2 and B3 are provided as extra connections for
special applications.
Weight: 10.9 oz. (308g) approximately.
Outline Dimensions
Wiring Diagrams (Bottom Views)
Ordering Information
Typical Part No.
➤
GP
I
N
1. Basic Series:
GP = Non-latching Control Relay
ML = Magnetic Latching Control Relay
2. Coil Voltage:
A = 12VDC
G = 24VAC, 60 Hz.
B = 24VDC
I = 120VAC, 60 Hz.
C = 48VDC
J = 220VAC, 60 Hz.
D = 125VDC
F = 250VDC
3. Options:
N = Magnetic Blow-out Device
Q = Light to indicate coil energization (GP only. 120VAC, 125VDC, 220VAC and 250VDC voltages only.)
R = Internal diode to suppress coil de-energization transient. (GP only. When used on DC unit, relay release time increases to same value as AC unit).
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery..
GPD
GPDN



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com