Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF2N02ER2 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MMDF2N02ER2
Description  Power MOSFET 2 Amps, 25 Volts N?묬hannel SO??, Dual
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF2N02ER2 Datasheet(HTML) 6 Page - ON Semiconductor

  MMDF2N02ER2 Datasheet HTML 1Page - ON Semiconductor MMDF2N02ER2 Datasheet HTML 2Page - ON Semiconductor MMDF2N02ER2 Datasheet HTML 3Page - ON Semiconductor MMDF2N02ER2 Datasheet HTML 4Page - ON Semiconductor MMDF2N02ER2 Datasheet HTML 5Page - ON Semiconductor MMDF2N02ER2 Datasheet HTML 6Page - ON Semiconductor MMDF2N02ER2 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MMDF2N02E
http://onsemi.com
6
Figure 12. Maximum Rated Forward Biased
Safe Operating Area
Figure 13. Maximum Avalanche Energy versus
Starting Junction Temperature
0.1
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
1
10
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
0.01
VGS = 20 V
SINGLE PULSE
TC = 25°C
10
0.1
dc
10 ms
1
100
100
Mounted on 2
″ sq. FR4 board (1″ sq. 2 oz. Cu 0.06″
thick single sided) with one die operating, 10s max.
100
ms
10
ms
TJ, STARTING JUNCTION TEMPERATURE (°C)
0
25
50
75
100
125
120
I pk = 9 A
200
150
280
80
40
160
240
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 14. Thermal Response
Figure 15. Diode Reverse Recovery Waveform
di/dt
trr
ta
tp
IS
0.25 IS
TIME
IS
tb
t, TIME (s)
1
0.1
0.01
D = 0.5
SINGLE PULSE
1.0E−05
1.0E−04
1.0E−03
1.0E−02
1.0E−01
1.0E+00
1.0E+01
0.2
0.1
0.05
0.02
0.01
1.0E+02
1.0E+03
0.001
10
0.0175
W
0.0710
W
0.2706
W
0.5776
W
0.7086
W
107.55 F
1.7891 F
0.3074 F
0.0854 F
0.0154 F
Chip
Ambient
Normalized to qja at 10s.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com