Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA1-R-026-L-9 Datasheet(PDF) 5 Page - Japan Aviation Electronics Industry, Ltd.

Part # DA1-R-026-L-9
Description  DA1 SERIES CONNECTORS - 0.60mm (.024) Contact Spacing, PCB-to-Cable Connectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DA1-R-026-L-9 Datasheet(HTML) 5 Page - Japan Aviation Electronics Industry, Ltd.

  DA1-R-026-L-9 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DA1-R-026-L-9 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DA1-R-026-L-9 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DA1-R-026-L-9 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DA1-R-026-L-9 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DA1-R-026-L-9 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DA1-R-026-L-9 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Table of Contents
Product Series
Contact Spacing
Pages
CIRCULAR
JL04V.................................................................................................................................. 90 - 91
JL05 .................................................................................................................................... 92 - 93
JB1...................................................................................................................................... 94 - 95
SRCN.................................................................................................................................. 96 - 97
N/MS.................................................................................................................................. 98 - 99
FO-FC........................................................................................................................................100
FO-EX........................................................................................................................................101
PCB-TO-CABLE
MX34 ...................................................1.1mm (.043") .............................................................102
MX7 .....................................................2.30mm (.091") ...........................................................103
IL-AG7 .................................................2.50mm (.098") ...........................................................104
MX17 ...................................................2.50mm (.098") ................................................. 105 - 106
MX23A.................................................2.50mm (.098") ................................................. 107 - 108
MX10 ...................................................2.50mm (.098") ...........................................................109
MX5 .....................................................3.00mm (.118") ...........................................................110
PCB-TO-CABLE/CABLE-TO-CABLE
IL-AG5 .................................................2.50mm (.098") ...........................................................111
IL-AG6 .................................................2.50mm (.098") ...........................................................112
MX9 .....................................................3.50mm (.138") ...........................................................113
MX25 ...................................................6.7mm (2.64") .............................................................114
MX36 ...................................................2.50mm (.098") ...........................................................115
CABLE-TO-CABLE
IL-AG9 .................................................2.50mm (.098") ................................................. 116 - 118
MX19 ...................................................2.50mm (.098") ...........................................................119
InPut/outPut connector ProductS
autoMotIve connector ProductS
• All JAE connector products shown in this catalog are lead free.
• We reserve the right to modify designs in order to improve quality, keep pace with technological advancements or meet
particular requirements in production.
• Products shown in this catalog are made for the applications specified. However, if the above-mentioned products are to be
used in aerospace devices, marine cable-connection devices, atomic power control systems, medical equipment for life-
support systems, or any other specific application requiring extremely high reliability, please contact JAE for further
information. Recommended Applications: Computers, Office Machines, Measuring Devices, Telecommunications Devices
(Terminals, Mobile Devices) AV Devices, Household Applications, FA Devices, etc.
• Refer to end of catalog for alphabetical index of products.
FIBer oPtIc ProductS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com