Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA1-R-010-M-9 Datasheet(PDF) 6 Page - Japan Aviation Electronics Industry, Ltd.

Part # DA1-R-010-M-9
Description  DA1 SERIES CONNECTORS - 0.60mm (.024) Contact Spacing, PCB-to-Cable Connectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DA1-R-010-M-9 Datasheet(HTML) 6 Page - Japan Aviation Electronics Industry, Ltd.

  DA1-R-010-M-9 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DA1-R-010-M-9 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DA1-R-010-M-9 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DA1-R-010-M-9 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DA1-R-010-M-9 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DA1-R-010-M-9 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DA1-R-010-M-9 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
79
Dimensions in mm (inches).
DA1 – * – 0** – * – 9 – *
E
Series
Contact Type
R – Receptacle
P – Plug
B – Cradle
No. of Contacts
10, 18 and 26
Termination
H – Right angle with Hold-down
(10 and 18 position only)
L – Right angle without Hold-down
(26 position only)
M – Cable Plug
Contact Finish
9 – Gold plating
Palladium Nickel
Modification Code
Consult JAE
Lead Free Version
DA1 SERIES CONNECTORS
0.60mm (.024") Contact Spacing, PCB-to-Cable Connectors
FEATURES
• Mating height 3.0mm (.012"), mounting space
reduced, 0.60mm (.024") pitch single line SMT
interface connector
• Metal shell provides shielding against EMI
and static electricity
• Side locking system
• Board mounting plug for cradle (catcher)
available for 18 contact version
• Receptacles and cradles available in embossed
tape for automatic SMT mounting
• • • • • • • • • • • • • •
DA1 Series connectors are low profile SMT compact interface
connectors for use in compact and slim mobile information terminal
devices such as PDAs, HPCs, and notebook PCs.
19.1
(.752)
Ref.
34.2
(1.346)
Ref.
1.2
(.047)
Ref.
3
(.118)
3
(.118)
3
(.118)
8.7
(.343)
ORDERING INFORMATION
Connector Profile (Ref.)
GENERAL SPECIFICATIONS
Number of Contacts
10, 18, and 26
Contact Spacing
0.60mm (.024”)
Current Rating
0.5 Amp Signal per contact
1 Amp Poweer per contact
Dielectric Withstanding Voltage
250 VAC r.m.s. (for one minute)
Insulation Resistance
100 megohms min.
Contact Resistance
50 milliohms max.
Operating Temperature
-25°C to +75°C
Applicable Wire Sizes
AWG #28 max.
MATERIALS AND FINISHES
Description
Materials/Finishes
Insulator
Nylon (UL94V-0, Black)
Pin Contact
Copper Alloy, Gold plating over Lead-Nickel
Lead Contact
Tin-Lead plating
Shell
Steel, Nickel plating



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com