Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPSW01 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MPSW01
Description  One Watt High Current Transistors NPN Silicon
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPSW01 Datasheet(HTML) 2 Page - ON Semiconductor

  MPSW01 Datasheet HTML 1Page - ON Semiconductor MPSW01 Datasheet HTML 2Page - ON Semiconductor MPSW01 Datasheet HTML 3Page - ON Semiconductor MPSW01 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MPSW01, MPSW01A
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage (Note 1) (IC = 10 mAdc, IB = 0)
MPSW01
MPSW01A
V(BR)CEO
30
40
−
−
Vdc
Collector−Base Breakdown Voltage (IC = 100 mAdc, IE = 0)
MPSW01
MPSW01A
V(BR)CBO
40
50
−
−
Vdc
Emitter−Base Breakdown Voltage (IE = 100 mAdc, IC = 0)
V(BR)EBO
5.0
−
Vdc
Collector Cutoff Current
(VCB = 30 Vdc, IE = 0)
MPSW01
(VCB = 40 Vdc, IE = 0)
MPSW01A
ICBO
−
−
0.1
0.1
mAdc
Emitter Cutoff Current (VEB = 3.0 Vdc, IC = 0)
IEBO
−
0.1
mAdc
ON CHARACTERISTICS (Note 1)
DC Current Gain
(IC = 10 mAdc, VCE = 1.0 Vdc)
(IC = 100 mAdc, VCE = 1.0 Vdc)
(IC = 1000 mAdc, VCE = 1.0 Vdc)
hFE
55
60
50
−
−
−
−
Collector−Emitter Saturation Voltage (IC = 1000 mAdc, IB = 100 mAdc)
VCE(sat)
−
0.5
Vdc
Base−Emitter On Voltage (IC = 1000 mAdc, VCE = 1.0 Vdc)
VBE(on)
−
1.2
Vdc
SMALL−SIGNAL CHARACTERISTICS
Current−Gain — Bandwidth Product (IC = 50 mAdc, VCE = 10 Vdc, f = 20 MHz)
fT
50
−
MHz
Output Capacitance (VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cobo
−
20
pF
1. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2.0%.
ORDERING INFORMATION
Device
Package
Shipping†
MPSW01
TO−92
5000 Units / Bulk
MPSW01G
TO−92
(Pb−Free)
5000 Units / Bulk
MPSW01AG
TO−92
(Pb−Free)
5000 Units / Bulk
MPSW01ARLRAG
TO−92
(Pb−Free)
2000 / Tape & Reel
MPSW01ARLRPG
TO−92
(Pb−Free)
2000 / Tape & Ammo Box
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
Figure 1. DC Current Gain
Figure 2. Collector Saturation Region
50
500
10
IC, COLLECTOR CURRENT (mA)
300
200
70
50
30
IB, BASE CURRENT (mA)
1.0
0.8
0.6
0.4
0
VCE = 1.0 V
TJ = 25°C
20
100
0.05
10
0.01 0.02
0.1 0.2
200
1000
100
20
50
100
0.2
0.5
1.0 2.0
5.0
TJ = 25°C
IC =
1000 mA
IC =
500 mA
IC =
10 mA
IC =
50 mA
IC =
100 mA
IC =
250 mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com