Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N08L63W2AB7I Datasheet(PDF) 10 Page - ON Semiconductor

Part # N08L63W2AB7I
Description  8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N08L63W2AB7I Datasheet(HTML) 10 Page - ON Semiconductor

Back Button N08L63W2AB7I Datasheet HTML 2Page - ON Semiconductor N08L63W2AB7I Datasheet HTML 3Page - ON Semiconductor N08L63W2AB7I Datasheet HTML 4Page - ON Semiconductor N08L63W2AB7I Datasheet HTML 5Page - ON Semiconductor N08L63W2AB7I Datasheet HTML 6Page - ON Semiconductor N08L63W2AB7I Datasheet HTML 7Page - ON Semiconductor N08L63W2AB7I Datasheet HTML 8Page - ON Semiconductor N08L63W2AB7I Datasheet HTML 9Page - ON Semiconductor N08L63W2AB7I Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Rev. 8 | Page 10 of 10 | www.onsemi.com
N08L63W2A
Ordering Information
Part Number
Package
Shipping Method
N08L63W2AB7I
Leaded 48-BGA
Tray
N08L63W2AB27I
Green 48-BGA (RoHS Compliant)
Tray
N08L63W2AB7IT
Leaded 48-BGA
Tape & Reel
N08L63W2AB27IT
Green 48-BGA (RoHS Compliant)
Tape & Reel
Revision History
Revision
Date
Change Description
A
Jan. 2001
Initial Advance Release
B
Feb. 2001
Deleted TSOP package, Revised BGA drawing, misc. errrata
C
Dec. 2001
Part number change from EM512J16, modified Overview and Features, revised
Operating Characteristics table, Package diagram, Functional Description table
and Ordering Information diagram
D
Nov. 2002
Replaced Isb and Icc on Product Family table with typical values
E
Oct 2004
Added Green Package Option
F
Dec. 2005
Added RoHS compliant
G
September 2006 Converted to AMI Semiconductor
8
July 2008
Converted to ON Semiconductor and new part numbers
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
PO Box 5163, Denver, Colorado 80217 USA
Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada
Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
N. American Technical Support: 800-282-9855 Toll
Free USA/Canada
Europe, Middle East & Africa Technical Support:
Phone 421-33-790-2910
Japan Customer Focus Center:
Phone 81-3-5773-3850
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without
further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does
SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special,
consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications
and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer's technical
experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as
components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure
of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or
unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs,
damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or
unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative
Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com