Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N08L63W2AB7IT Datasheet(PDF) 1 Page - ON Semiconductor

Part # N08L63W2AB7IT
Description  8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N08L63W2AB7IT Datasheet(HTML) 1 Page - ON Semiconductor

  N08L63W2AB7IT Datasheet HTML 1Page - ON Semiconductor N08L63W2AB7IT Datasheet HTML 2Page - ON Semiconductor N08L63W2AB7IT Datasheet HTML 3Page - ON Semiconductor N08L63W2AB7IT Datasheet HTML 4Page - ON Semiconductor N08L63W2AB7IT Datasheet HTML 5Page - ON Semiconductor N08L63W2AB7IT Datasheet HTML 6Page - ON Semiconductor N08L63W2AB7IT Datasheet HTML 7Page - ON Semiconductor N08L63W2AB7IT Datasheet HTML 8Page - ON Semiconductor N08L63W2AB7IT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
N08L63W2A
©2008 SCILLC. All rights reserved.
Publication Order Number:
July 2008 - Rev. 8
N08L63W2A/D
8Mb Ultra-Low Power Asynchronous CMOS SRAM
512K × 16 bit
Overview
The N08L63W2A is an integrated memory device
containing a 8 Mbit Static Random Access Memory
organized as 524,288 words by 16 bits. The device
is designed and fabricated using ON
Semiconductor’s advanced CMOS technology to
provide both high-speed performance and ultra-low
power. The device operates with two chip enable
(CE1 and CE2) controls and output enable (OE) to
allow for easy memory expansion. Byte controls
(UB and LB) allow the upper and lower bytes to be
accessed independently and can also be used to
deselect the device. The N08L63W2A is optimal
for various applications where low-power is critical
such as battery backup and hand-held devices.
The device can operate over a very wide
temperature range of -40oC to +85oC and is
available in JEDEC standard packages compatible
with other standard 512Kb x 16 SRAMs
Features
• Single Wide Power Supply Range
2.3 to 3.6 Volts
• Very low standby current
4.0µA at 3.0V (Typical)
• Very low operating current
2.0mA at 3.0V and 1µs(Typical)
• Very low Page Mode operating current
1.0mA at 3.0V and 1µs (Typical)
• Simple memory control
Dual Chip Enables (CE1 and CE2)
Byte control for independent byte operation
Output Enable (OE) for memory expansion
• Low voltage data retention
Vcc = 1.8V
• Very fast output enable access time
25ns OE access time
• Very fast Page Mode access time
tAAP = 25ns
• Automatic power down to standby mode
• TTL compatible three-state output driver
Pin Configuration
Product Family
Part Number
Package Type
Operating
Temperature
Power
Supply
(Vcc)
Speed
Standby
Current (ISB),
Typical
Operating
Current (Icc),
Typical
N08L63W2AB
48 - BGA
-40oC to +85oC 2.3V - 3.6V
70ns@2.7V
85ns @ 2.3V
4
µA2 mA @ 1MHz
N08L63W2AB2
48 - BGA Green
12
34
56
A
LB
OE
A0
A1
A2
CE2
B I/O8 UB
A3
A4
CE1
I/O0
C I/O9 I/O10 A5
A6
I/O1
I/O2
D VSS I/O11 A17 A7 I/O3 VCC
E VCC I/O12 NC A16 I/O4 VSS
F I/O14 I/O13 A14 A15 I/O5 I/O6
G I/O15 NC A12 A13 WE I/O7
H A18 A8
A9
A10
A11
NC
48 Pin BGA (top)
8 x 10 mm
Pin Descriptions
Pin Name
Pin Function
A0-A18
Address Inputs
WE
Write Enable Input
CE1, CE2
Chip Enable Input
OE
Output Enable Input
LB
Lower Byte Enable Input
UB
Upper Byte Enable Input
I/O0-I/O15
Data Inputs/Outputs
VCC
Power
VSS
Ground
NC
Not Connected


Similar Part No. - N08L63W2AB7IT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N08L6182A ONSEMI-N08L6182A Datasheet
192Kb / 10P
8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
July 2008 - Rev. 8
N08L6182AB27I ONSEMI-N08L6182AB27I Datasheet
192Kb / 10P
8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
July 2008 - Rev. 8
N08L6182AB27IT ONSEMI-N08L6182AB27IT Datasheet
192Kb / 10P
8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
July 2008 - Rev. 8
N08L6182AB7I ONSEMI-N08L6182AB7I Datasheet
192Kb / 10P
8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
July 2008 - Rev. 8
N08L6182AB7IT ONSEMI-N08L6182AB7IT Datasheet
192Kb / 10P
8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
July 2008 - Rev. 8
More results

Similar Description - N08L63W2AB7IT

ManufacturerPart #DatasheetDescription
logo
NanoAmp Solutions, Inc.
N08L083WC2C NANOAMP-N08L083WC2C Datasheet
216Kb / 9P
8Mb Ultra-Low Power Asynchronous CMOS SRAM 1024K 횞 8 bit
N08L163WC1C NANOAMP-N08L163WC1C Datasheet
222Kb / 9P
8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N08L163WC2A NANOAMP-N08L163WC2A Datasheet
250Kb / 10P
8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N08L163WC2C NANOAMP-N08L163WC2C Datasheet
241Kb / 9P
8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N08L1618C2A NANOAMP-N08L1618C2A Datasheet
251Kb / 10P
8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
N08T1630CXB NANOAMP-N08T1630CXB Datasheet
253Kb / 9P
8Mb Ultra-Low Power Asynchronous CMOS SRAM 512Kx16 bit
logo
GSI Technology
GS78116AB GSI-GS78116AB Datasheet
643Kb / 11P
512K x 16 8Mb Asynchronous SRAM
GS78116B GSI-GS78116B Datasheet
415Kb / 11P
512K x 16 8Mb Asynchronous SRAM
logo
AMI SEMICONDUCTOR
N08M1618L1A AMI-N08M1618L1A Datasheet
195Kb / 11P
8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512K 횞 16 bit
logo
ON Semiconductor
N08L6182A ONSEMI-N08L6182A Datasheet
192Kb / 10P
8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
July 2008 - Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com