Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JN2AS15ML1X Datasheet(PDF) 7 Page - Japan Aviation Electronics Industry, Ltd.

Part # JN2AS15ML1X
Description  JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JN2AS15ML1X Datasheet(HTML) 7 Page - Japan Aviation Electronics Industry, Ltd.

  JN2AS15ML1X Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JN2AS15ML1X Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JN2AS15ML1X Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. JN2AS15ML1X Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. JN2AS15ML1X Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. JN2AS15ML1X Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. JN2AS15ML1X Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. JN2AS15ML1X Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
88
Dimensions and specifications subject to change without notice.
Series
Connector type
#22
Applicable Wire Size
20
– #20 AWG
22
– #21 to #25 AWG
26
– #26 to #28 AWG
Contact Type
P
– Pin
S
– Socket
PKG100 – 100 pcs. per package
R10000 – 10000 pieces/reel
JN1 – 22 – ** – *
– ******
•
Contacts
ORDERING INFORMATION
Series
Connector type
A
– Panel Mount, Receptacle
D
– Straight Plug
F
– Angle Plug
M – Panel Mount, Plug
Shell Size
S
– connection outer dia.
(10 dia. to 15 dia.)
No. of Contacts
04 – 4 pins
10 – 10 pins
15 – 15 pins
Connection Method
U
– Through-hole pin
M – Pin with solder
S
– Crimp socket
F
– Socket with soldering
Contact size
K
– #20
L
– #22
Modify Cable Diameter
1
– 5.7mm (.224") to 7.3mm (.287") diameter
2
– 6.5mm (.256") to 8.0mm (.315") diameter
Mating key type
None – Normal
X
– Alternate insert position
JN2
*
*
*
*
*
*
*
• Receptacle/Plug
JN2 SERIES CONNECTORS
General Purpose Waterproof, Miniature Connectors
TOOLING
Semi Automatic Crimp Machine
CP215-4B Press
350-JN1-2C Applicator
For all wire sizes
Hand Tools
CT150-2-JN1-D
#20, #25 AWG
CT150-2-JN1-E
#21, #23, #25 AWG
CT150-2-JN1-B
#22 to #24 AWG, #26 to #28 AWG



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com