Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3715 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # AM3715
Description  AM3715/03 Applications Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3715 Datasheet(HTML) 4 Page - Texas Instruments

  AM3715 Datasheet HTML 1Page - Texas Instruments AM3715 Datasheet HTML 2Page - Texas Instruments AM3715 Datasheet HTML 3Page - Texas Instruments AM3715 Datasheet HTML 4Page - Texas Instruments AM3715 Datasheet HTML 5Page - Texas Instruments AM3715 Datasheet HTML 6Page - Texas Instruments AM3715 Datasheet HTML 7Page - Texas Instruments AM3715 Datasheet HTML 8Page - Texas Instruments AM3715 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 280 page
background image
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
1.3
Description
The AM37x generation (AM3715/AM3703) of Sitara
™ high-performance microprocessors is based on the
enhanced Cortex
™-A8 device architecture and is integrated on TI's advanced 45-nm process technology.
This architecture is designed to provide best in class ARM and graphics performance while delivering low
power consumption.
The device can support numerous high-level operating systems and real-time operating system solutions
including Linux, Android and Windows Embedded CE which are available free of charge directly from TI.
Additionally, the device is fully backward compatible with previous Cortex-A8 Sitara microprocessors and
OMAP
™ processors.
The AM3715/AM3703 microprocessor data manual presents the electrical and mechanical specifications
for the AM3715/AM3703 microprocessor.
The information contained in this data manual applies to both the commercial and extended temperature
versions of the AM3715/03 Microprocessor unless otherwise indicated. It consists of the following
sections:
•
A description of the AM3715/03 terminals: assignment, electrical characteristics, multiplexing, and
functional description;
•
A presentation of the electrical characteristics requirements: power domains, operating conditions,
power consumption, and dc characteristics;
•
The clock specifications: input and output clocks, DPLL and DLL;
•
A description of thermal characteristics, device nomenclature, and mechanical data about the available
packaging.
4
AM3715, AM3703 Sitara ARM Microprocessors
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com