Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MV8410 Datasheet(PDF) 2 Page - QT Optoelectronics

Part # MV8410
Description  SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

MV8410 Datasheet(HTML) 2 Page - QT Optoelectronics

  MV8410 Datasheet HTML 1Page - QT Optoelectronics MV8410 Datasheet HTML 2Page - QT Optoelectronics MV8410 Datasheet HTML 3Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 of 3
2/17/00
300036A
90
VF - FORWARD VOLTAGE (V)
Fig. 1 Forward Current vs. Forward Voltage
40
50
60
70
80
30
20
10
0
1.0
2.0
3.0
4.0
5.0
IF - DC FORWARD CURRENT (mA)
Fig. 2 Relative Luminous Intensity vs.
DC Forward Current
2.5
2.0
1.5
1.0
0.5
0.0
0
5
10
15
20
25
30
TYPICAL PERFORMANCE CURVES
SUPER BRIGHT T-1 3/4 (5 mm)
LED LAMP - Water Clear
SUPER GREEN
MV841X
MV8410 MV8411
MV8412
Part Number
MV8410
MV8411
MV8412
Condition
Luminous Intensity (mcd)
IF = 20mA
Minimum
160
250
400
Typical
240
370
600
Forward Voltage (V)
IF = 20mA
Maximum
2.8
2.8
2.8
Typical
2.1
2.1
2.1
Peak Wavelength (nm)
565
565
565
IF = 20mA
Spectral Line Half Width (nm)
30
30
30
IF = 20mA
Viewing Angle (°)
12
12
12
IF = 20mA
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25°C)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com