Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7360 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS7360
Description  6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Fiters and High Gain
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7360 Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS7360 Datasheet HTML 9Page - Texas Instruments THS7360 Datasheet HTML 10Page - Texas Instruments THS7360 Datasheet HTML 11Page - Texas Instruments THS7360 Datasheet HTML 12Page - Texas Instruments THS7360 Datasheet HTML 13Page - Texas Instruments THS7360 Datasheet HTML 14Page - Texas Instruments THS7360 Datasheet HTML 15Page - Texas Instruments THS7360 Datasheet HTML 16Page - Texas Instruments THS7360 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
g
m
+V
S
800kW
Sync-TipClamp
(DCRestore)
SDChannel1
Input
(CVBS)
SDChannel1
Output
(CVBS)
LPF
6-Pole
9.5MHz
BypassSD
5.6
V/V
Level
Shift
g
m
+V
S
800kW
Sync-TipClamp
(DCRestore)
SDChannel2
Input
(S-VideoY)
SDChannel2
Output
(S-VideoY)
LPF
6-Pole
9.5MHz
BypassSD
Level
Shift
g
m
+V
S
800kW
Sync-TipClamp
(DCRestore)
SDChannel3
Input
(S-VideoC)
SDChannel3
Output
(S-VideoC)
BypassSD
DisableSD
BypassSF
DisableSF
LPF
6-Pole
9.5MHz
BypassSD
Level
Shift
g
m
+V
S
800kW
Sync-TipClamp
(DCRestore)
SD/ED/HD/Full-HD
Channel1 Input
(Y’/G)
SD/ED/HD/Full-HD
Channel1Output
(Y’/G)
LPF
6-Pole
9.2/17/35/70MHz
BypassSF
Level
Shift
g
m
+V
S
800kW
Sync-TipClamp
(DCRestore)
SD/ED/HD/Full-HD
Channel2Input
(P’ /B)
B
SD/ED/HD/Full-HD
Channel2Output
(P’ /B)
B
LPF
6-Pole
9.2/17/35/70MHz
BypassSF
Level
Shift
g
m
+V
S
800kW
Sync-TipClamp
(DCRestore)
SD/ED/HD/Full-HD
Channel3Input
(P’ /R)
R
SD/ED/HD/Full-HD
Channel3Output
(P’ /R)
R
LPF
6-Pole
9.2/17/35/70MHz
BypassSF
Level
Shift
+2.7Vto+5V
FilterSelection
5.6
V/V
5.6
V/V
4.5
V/V
4.5
V/V
4.5
V/V
THS7360
www.ti.com
SLOS674 – JUNE 2010
FUNCTIONAL BLOCK DIAGRAM
NOTE: SF indicates selectable filter.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): THS7360



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com