Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP512 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMP512
Description  Temperature and Power Supply System Monitors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP512 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 17Page - Texas Instruments TMP512 Datasheet HTML 18Page - Texas Instruments TMP512 Datasheet HTML 19Page - Texas Instruments TMP512 Datasheet HTML 20Page - Texas Instruments TMP512 Datasheet HTML 21Page - Texas Instruments TMP512 Datasheet HTML 22Page - Texas Instruments TMP512 Datasheet HTML 23Page - Texas Instruments TMP512 Datasheet HTML 24Page - Texas Instruments TMP512 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
T
ERR =
1.004
1.008
1.008
-
(
´
°
273.15+100 C
)
T
=1.48 C
ERR
°
T
ERR =
n
1.008
1.008
-
(
´
°
273.15+T( C)
TMP512
TMP513
www.ti.com
SBOS491 – JUNE 2010
coupled signals. The value of this capacitor should be
Where:
between 100pF and 1nF. Some applications attain
n = ideality factor of remote temperature sensor.
better
overall
accuracy
with
additional
series
T(°C) = actual temperature.
resistance; however, this increased accuracy is
TERR = error in TMP512/13 because n ≠ 1.008.
application-specific. When series resistance is added,
Degree delta is the same for °C and K.
the total value should not be greater than 3k
Ω. If
filtering is needed, suggested component values are
For n = 1.004 and T(°C) = 100°C:
100pF and 50
Ω on each input; exact values are
application-specific.
GENERAL CALL RESET
The TMP512/13 support reset via the two-wire
(5)
General
Call
address
00h
(0000
0000b).
The
If a discrete transistor is used as the remote
TMP512/13 acknowledge the General Call address
temperature sensor with the TMP512/13, the best
and respond to the second byte. If the second byte is
accuracy can be achieved by selecting the transistor
06h
(0000
0110b),
the
TMP512/13
execute
a
according to the following criteria:
software reset state to all TMP512/13 registers, and
1. Base-emitter voltage > 0.25V at 6mA, at the
abort any conversion in progress. The TMP512/13
highest sensed temperature.
take no action in response to other values in the
second byte.
2. Base-emitter voltage < 0.95V at 120mA, at the
lowest sensed temperature.
REMOTE SENSING
3. Base resistance < 100
Ω.
The TMP512/13 are designed to be used with either
4. Tight control of VBE characteristics indicated by
discrete transistors or substrate transistors built into
small variations in hFE (that is, 50 to 150).
processor chips and ASICs. Either NPN or PNP
Based
on
these
criteria,
two
recommended
transistors can be used, as long as the base-emitter
small-signal transistors are the 2N3904 (NPN) or
junction is used as the remote temperature sense.
2N3906 (PNP).
NPN transistors must be diode-connected. PNP
transistors
can
either
be
transistor-
or
BASIC ADC FUNCTIONS
diode-connected, as Figure 18 and Figure 19 show.
The two analog inputs to the TMP512/13, VIN+ and
Errors in remote temperature sensor readings are
VIN–, connect to a shunt resistor in the bus of interest.
typically the consequence of the ideality factor and
The
TMP512/13
are
powered
by
an
internal
current excitation used by the TMP512/13 versus the
subregulator, which has a typical output of 3.3V. The
manufacturer-specified operating current for a given
bus being sensed can vary from 0V to 26V. There are
transistor. Some manufacturers specify a high-level
no
special
considerations
for
power-supply
and low-level current for the temperature-sensing
sequencing (for example, a bus voltage can be
substrate transistors. The TMP512/13 use 6mA for
present with the supply voltage off, and vice-versa).
ILOW and 120mA for IHIGH.
The TMP512/13 sense the small drop across the
The ideality factor (n) is a measured characteristic of
shunt for shunt voltage, and sense the voltage with
a remote temperature sensor diode as compared to
respect to ground from VIN– for the bus voltage. See
an ideal diode. The TMP512/13 allow for different
Figure 27 for an illustration of this operation.
n-factor values; see the n-Factor Correction Register
When the TMP512/13 are in the normal operating
section.
mode (that is, MODE bits of Configuration Register 1
The ideality factor for the TMP512/13 is trimmed to
are set to '111'), the devices continuously convert the
be 1.008. For transistors that have an ideality factor
shunt voltage up to the number set in the shunt
that does not match the TMP512/13, Equation 4 can
voltage averaging function (Configuration Register 1,
be used to calculate the temperature error. Note that
SADC bits). The devices then convert the bus voltage
for
the
equation
to
be
used
correctly,
actual
up to the number set in the bus voltage averaging
temperature (°C) must be converted to kelvins (K).
(Configuration Register 1, BADC bits). The Mode
control in Configuration Register 1 also permits
selecting modes to convert only voltage or current,
(4)
either continuously or in response to a two-wire
command.
space
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TMP512 TMP513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com