Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPE-RJ45-01 Datasheet(PDF) 1 Page - Richco, Inc.

Part # BPE-RJ45-01
Description  BLANKING PLUGS - NYLON 6/6 UL94 V-2 (RMS-01)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHCO [Richco, Inc.]
Direct Link  http://www.richco-inc.com
Logo RICHCO - Richco, Inc.

BPE-RJ45-01 Datasheet(HTML) 1 Page - Richco, Inc.

  BPE-RJ45-01 Datasheet HTML 1Page - Richco, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
"L1" 0
+0.50
"L1" 0.000
+0.020
0.08
"L2"
.003]
["L2"
"L2" 0.000
+
"L2" 0
+0.50
0.020
"A"
"B"
"D"
"C"
"E"
9
[.35]
"A"
"B"
"D"
"C"
"E"
9
[.35]
RECOMMENDED MOUNTING HOLE
FIG 2:
FIG 2:
FIG 1:
FIG 1:
RECOMMENDED
MOUNTING HOLE
PART No.
"A"
"B"
"C"
"D"
"E"
"L1"
"L2"
PANEL THICKNESS
FIG
BPE-SC-1-01 21.5 +0.6 -0
[.85 +.024 -0]
12.8 [.50]
12 [.47]
9.3 [.37]
1.5 [.059]
13 [.512]
9.5 [.374]
1.4 - 3.5 [.550 - .138]
1
BPE-SC-2-01
16 [.63]
BPE-SC-3-01 34.7 [1.37]
25.8 [1.02]
26 [1.024]
BPE-RJ45-01
17.7 [.70]
14.7 [.58]
22 [.87]
19.1 [.75]
19.3-20
[.760-.787]
14.9-15
[.587-.591]
0.75[.030], 1.2[.050],
1.6[.060],
2.7 [.110], 3.5 [.140]
BPE-LC-D-01
15 [.59]
13.2 [.52]
15 [.59]
13.2 [.52]
2 [.078]
13.5 [.532]
13.5 [.532]
0.75[.030], 1.2[.050],
1.6[.060],
2.7 [.110], 3.75 [.148]
BPE-ST-1-01
Ø12 [.47]
Ø9.2 [.36]
Ø12 [.47]
7.7 [.30]
1.5 [.059] Ø9.4 [.370]
7.9 [.311]
1.4 - 3.5 [.055 - .138]
2
OW
05/02/10
2
3
4
A
B
1
C
B
A
D
2
1
E
C0-2010881
02
ANGULAR
REPRODUCED IN WHOLE OR PART WITHOUT THEIR WRITTEN CONSENT.
DRN
MATERIAL:
DESCRIPTION:
3
CHKD
DATE
SCALE
DRG No:
SHEET No.
DATE
C
1 OF 1
15/07/09
BLANKING PLUGS
OW
COLOUR:
TC
15/07/09
NTS
REV.
MODIFICATION.
DATE
DRN
01
15/07/09
OW
D
E
4
09-071
NPR No:
C0-2010730
SEE TABLE
F
25/08/09
OW
BLACK
C0-2010780
WWW.RICHCO-INC.COM
ORDER, REPLACE -01 WITH -19 AT END OF PART NUMBER
3) PARTS AVAILABLE IN NYLON 6/6 FR UL94 V-0 BY SPECIAL
2 DECIMAL PLACES
NYLON 6/6 UL94 V-2 (RMS-01)
N/A
PART No:
THIRD
1
ANGLE
A4
SHEET SIZE
FORM No. 0143/00
RICHCO INTERNATIONAL Co. Ltd. AND MAY NOT BE DISCLOSED OR
INFORMATION CONTAINED IN THIS DOCUMENT IS CONFIDENTIAL TO
ALL DIMENSIONS IN mm
GENERAL TOLERANCES 0.25
UNLESS OTHERWISE STATED
1 DECIMAL PLACE
NOTES:
1) ALTERNATE UNITS FOR REFERENCE ONLY
2) PARTS AVAILABLE IN GREY AND WHITE BY SPECIAL
ORDER ADD GY AND WH TO END OF PART NUMBER
RICHCO, INC.
03


Similar Part No. - BPE-RJ45-01

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
BPE-494 MACOM-BPE-494 Datasheet
74Kb / 1P
BPE-494 3PST N.O. ELCU, 175 Amps,115/200 VAC, 400 Hz
More results

Similar Description - BPE-RJ45-01

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
172159-0212 MOLEX11-172159-0212 Datasheet
71Kb / 1P
3.96mm Pitch EdgeMate Crimp Housing, Female, Nylon 6/6, White, UL94-V2, without
172159-0502 MOLEX11-172159-0502 Datasheet
76Kb / 1P
3.96mm Pitch EdgeMate Crimp Housing, Female, Nylon 6/6, White, UL94-V2, with
172159-0503 MOLEX11-172159-0503 Datasheet
76Kb / 1P
3.96mm Pitch EdgeMate Crimp Housing, Female, Nylon 6/6, White, UL94-V2, with
172159-0604 MOLEX11-172159-0604 Datasheet
76Kb / 1P
3.96mm Pitch EdgeMate Crimp Housing, Female, Nylon 6/6, White, UL94-V2, with
172159-0605 MOLEX11-172159-0605 Datasheet
76Kb / 1P
3.96mm Pitch EdgeMate Crimp Housing, Female, Nylon 6/6, White, UL94-V2, with
172159-0606 MOLEX11-172159-0606 Datasheet
76Kb / 1P
3.96mm Pitch EdgeMate Crimp Housing, Female, Nylon 6/6, White, UL94-V2, with
172159-0608 MOLEX11-172159-0608 Datasheet
76Kb / 1P
3.96mm Pitch EdgeMate Crimp Housing, Female, Nylon 6/6, White, UL94-V2, with
172159-0609 MOLEX11-172159-0609 Datasheet
76Kb / 1P
3.96mm Pitch EdgeMate Crimp Housing, Female, Nylon 6/6, White, UL94-V2, with
172159-0610 MOLEX11-172159-0610 Datasheet
76Kb / 1P
3.96mm Pitch EdgeMate Crimp Housing, Female, Nylon 6/6, White, UL94-V2, with
172159-0611 MOLEX11-172159-0611 Datasheet
76Kb / 1P
3.96mm Pitch EdgeMate Crimp Housing, Female, Nylon 6/6, White, UL94-V2, with
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com