Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1705 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # AM1705
Description  AM1705 ARM Microprocessor
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1705 Datasheet(HTML) 2 Page - Texas Instruments

  AM1705 Datasheet HTML 1Page - Texas Instruments AM1705 Datasheet HTML 2Page - Texas Instruments AM1705 Datasheet HTML 3Page - Texas Instruments AM1705 Datasheet HTML 4Page - Texas Instruments AM1705 Datasheet HTML 5Page - Texas Instruments AM1705 Datasheet HTML 6Page - Texas Instruments AM1705 Datasheet HTML 7Page - Texas Instruments AM1705 Datasheet HTML 8Page - Texas Instruments AM1705 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 156 page
background image
AM1705
SPRS657A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
– End Points 1,2,3,4 (Control, Bulk, Interrupt or
– 6 Single Edge, 6 Dual Edge Symmetric or 3
ISOC) Rx and Tx
Dual Edge Asymmetric Outputs
• Two Multichannel Audio Serial Ports:
– Dead-Band Generation
– Transmit/Receive Clocks up to 50 MHz
– PWM Chopping by High-Frequency Carrier
– Six Clock Zones and 28 Serial Data Pins
– Trip Zone Input
– Supports TDM, I2S, and Similar Formats
• Three 32-Bit Enhanced Capture Modules
(eCAP):
– FIFO buffers for Transmit and Receive
– Configurable as 3 Capture Inputs or 3
• 10/100 Mb/s Ethernet MAC (EMAC):
Auxiliary Pulse Width Modulator (APWM)
– IEEE 802.3 Compliant (3.3-V I/O Only)
outputs
– RMII Media Independent Interface
– Single Shot Capture of up to Four Event
– Management Data I/O (MDIO) Module
Time-Stamps
• One 64-Bit General-Purpose Timer
• Two 32-Bit Enhanced Quadrature Encoder
(Configurable as Two 32-Bit Timers)
Pulse Modules (eQEP)
• One 64-bit General-Purpose/Watchdog Timer
• 176-pin PowerPADTM Plastic Quad Flat Pack
(Configurable as Two 32-bit General-Purpose
[PTP suffix], 0.5-mm Pin Pitch
Timers)
• Commercial, Industrial, or Extended
• Three Enhanced Pulse Width Modulators
Temperature
(eHRPWM):
• Community Resources
– Dedicated 16-Bit Time-Base Counter With
– TI E2E Community
Period And Frequency Control
– TI Embedded Processors Wiki
2
AM1705 ARM Microprocessor
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com