Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO3080 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ISO3080
Description  ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO3080 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO3080 Datasheet HTML 9Page - Texas Instruments ISO3080 Datasheet HTML 10Page - Texas Instruments ISO3080 Datasheet HTML 11Page - Texas Instruments ISO3080 Datasheet HTML 12Page - Texas Instruments ISO3080 Datasheet HTML 13Page - Texas Instruments ISO3080 Datasheet HTML 14Page - Texas Instruments ISO3080 Datasheet HTML 15Page - Texas Instruments ISO3080 Datasheet HTML 16Page - Texas Instruments ISO3080 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
ISO3080, ISO3086
ISO3082, ISO3088
www.ti.com
SLOS581C – MAY 2008 – REVISED OCTOBER 2009
REVISION HISTORY
Changes from Original (May 2008) to Revision A
Page
•
Changed the Package Characteristics table - L(101) Minimum air gap (Clearance) From 7.7mm To 8.34mm .................. 9
•
Deleted the CSA column from the Regulatory Information Table. ..................................................................................... 10
•
Changed the file number in the VDE column of the Regulatory Information table From: 40014131 To: 40016131 .......... 10
Changes from Revision A (June 2008) to Revision B
Page
•
Changed Features bullet From: 4000-VPEAK Isolation, To: 4000-VPEAK Isolation,, 560-VPEAK VIORM ..................................... 1
•
Added Features sub bullet: UL 1577, IEC 60747-5-2 (VDE 0884, Rev. 2), IEC 61010-1, IEC 60950-1 and CSA
Approved ............................................................................................................................................................................... 1
•
Added the CSA column to the Regulatory Information table .............................................................................................. 10
Changes from Revision B (December 2008) to Revision C
Page
•
Changed Recommended Operatings Condition table note From: For 3-V operation, VCC1 or VCC2 is specified from
3.15 V to 3.6V. To: For 3-V operation, VCC1 is specified from 3.15 V to 3.6V. ..................................................................... 2
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ISO3080, ISO3086 ISO3082, ISO3088



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com