Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FESA08D Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # FESA08D
Description  Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 8.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

FESA08D Datasheet(HTML) 1 Page - Gulf Semiconductor

  FESA08D Datasheet HTML 1Page - Gulf Semiconductor FESA08D Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
www.gulfsemi.com
FESA08D
Ultra fast Plastic Power Rectifiers
VOLTAGE: 200V
CURRENT: 8.0A
FEATURE
TO-220AC
Plastic package has Underwriters Laboratories Flammability
Classification 94V-0
Ideally suited for use in very high frequency switching power supplies,
inverters and as free wheeling diodes
Ultra fast recovery time for high efficiency
Excellent high temperature switching
Glass passivated junction
High voltage and high reliability
High speed switching
Low forward voltage
MECHANICAL DATA
Case: JEDEC TO-220 molded plastic body over passivated chip
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated)
SYMBOL
FESA08D
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
200
V
Maximum RMS Voltage
Vrms
140
V
Maximum DC blocking Voltage
Vdc
200
V
Maximum Average Forward Rectified at Tc =100
°C
If(av)
8.0
A
Peak Forward Surge Current 8.3ms single half sine-
wave superimposed on rated load
Ifsm
150
A
Maximum
Forward
Voltage
at
rated
Forward
Current and 25
°C
Vf
1.0
V
Maximum Reverse Recovery Time
(Note 1)
Trr
50
nS
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =125
°C
Ir
5.0
200.0
µA
Typical thermal resistance junction to case
Rth(jc)
2.2
°C/W
Typical junction capacitance
(Note 2)
Cj
80
pF
Storage and Operating Temperature range
Tstg, Tj
-55 to +150
°C
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc


Similar Part No. - FESA08D

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
FESA08G GULFSEMI-FESA08G Datasheet
91Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT: 8.0A
FESA08J GULFSEMI-FESA08J Datasheet
101Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:8.0A
More results

Similar Description - FESA08D

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
FESA08G GULFSEMI-FESA08G Datasheet
91Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT: 8.0A
FESA08J GULFSEMI-FESA08J Datasheet
101Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:8.0A
FESP08K GULFSEMI-FESP08K Datasheet
69Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 800V CURRENT: 8.0A
RESA08J GULFSEMI-RESA08J Datasheet
90Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:8.0A
UESA08J GULFSEMI-UESA08J Datasheet
101Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:8.0A
UESP08D GULFSEMI-UESP08D Datasheet
110Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:8.0A
UESP08G GULFSEMI-UESP08G Datasheet
92Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT:8.0A
UESP08J GULFSEMI-UESP08J Datasheet
90Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:8.0A
UGSA08D GULFSEMI-UGSA08D Datasheet
126Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 8.0A
UGSA08J GULFSEMI-UGSA08J Datasheet
107Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:8.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com